Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616-PBSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7616-PBSTZ
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616-PBSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7616-PBSTZ Datasheet HTML 12Page - Analog Devices AD7616-PBSTZ Datasheet HTML 13Page - Analog Devices AD7616-PBSTZ Datasheet HTML 14Page - Analog Devices AD7616-PBSTZ Datasheet HTML 15Page - Analog Devices AD7616-PBSTZ Datasheet HTML 16Page - Analog Devices AD7616-PBSTZ Datasheet HTML 17Page - Analog Devices AD7616-PBSTZ Datasheet HTML 18Page - Analog Devices AD7616-PBSTZ Datasheet HTML 19Page - Analog Devices AD7616-PBSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Data Sheet
AD7616-P
Rev. 0 | Page 15 of 46
Figure 19. DC Histogram of Codes at Code Center, ±2.5 V Range
Figure 20. NFS Error vs. Temperature
Figure 21. PFS Error vs. Temperature
Figure 22. PFS/NFS Error vs. Source Resistance
Figure 23. NFS/PFS Error Matching vs. Temperature
Figure 24. Bipolar Zero Code Error vs. Temperature
1
85
2022
13596
27621
18123
249
2
1
0
5000
10000
15000
20000
25000
30000
32757 32758 32759 32760 32761 32762 32763 32764 32765 32768
CODE
±2.5V RANGE
Vxx and VxxGND
SHORTED TOGETHER
65536 SAMPLES
3836
–30
–20
–10
0
10
20
30
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
±10V RANGE
±5V RANGE
±2.5V RANGE
–30
–20
–10
0
10
20
30
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
±10V RANGE
±5V RANGE
±2.5V RANGE
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0
20
40
60
80
100
SOURCE RESISTANCE (k
Ω)
NFS ±10V RANGE
NFS ±5V RANGE
NFS ±2.5V RANGE
PFS ±10V RANGE
PFS ±5V RANGE
PFS ±2.5V RANGE
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
0
1
2
3
4
5
6
7
8
9
10
PFS ±10V RANGE
NFS ±10V RANGE
-10
-8
-6
-4
-2
0
2
4
6
8
10
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
±10V RANGE
±5V RANGE
±2.5V RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com