Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7771 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7771_17 Datasheet HTML 17Page - Analog Devices AD7771_17 Datasheet HTML 18Page - Analog Devices AD7771_17 Datasheet HTML 19Page - Analog Devices AD7771_17 Datasheet HTML 20Page - Analog Devices AD7771_17 Datasheet HTML 21Page - Analog Devices AD7771_17 Datasheet HTML 22Page - Analog Devices AD7771_17 Datasheet HTML 23Page - Analog Devices AD7771_17 Datasheet HTML 24Page - Analog Devices AD7771_17 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 20 of 98
1.6
0
CLOCK FREQUENCY (Hz)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
1.0
1.1
1.2
1.3
1.4
1.5
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
VREF = 2.5V
VCM = (AVDD1x + AVSSx) ÷ 2
TA = 25°C
DECIMATION = 256
Figure 26. Noise vs. Clock Frequency, High Resolution Mode
160
0
140
ODR (SPS)
20
40
60
80
100
120
1000
4000
8000
16000
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 27. Noise vs. ODR, High Resolution Mode, Sinc3 Filter Enabled
180
0
40
80
120
160
20
60
100
140
ODR (SPS)
8000
128000
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
32000
64000
Figure 28. Noise vs. ODR, High Resolution Mode, Sinc5 Filter Enabled
1.80
0
CLOCK FREQUENCY (Hz)
2.00
4.00
6.00
8.00
1.00
1.20
1.40
1.60
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
VREF = 2.5V
VCM = (AVDD1x + AVSSx) ÷ 2
TA = 25°C
DECIMATION = 256
Figure 29. Noise vs. Clock Frequency, Low Power Mode
700
0
ODR (SPS)
500
8000
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
2000
4000
100
200
300
400
500
600
Figure 30. Noise vs. ODR, Low Power Mode, Sinc3 Filter Enabled
400
0
50
100
150
200
250
300
350
ODR (SPS)
1000
32000
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
8000
16000
Figure 31. Noise vs. ODR, Low Power Mode, Sinc5 Filter Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com