Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4930-1YCPZ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4930-1YCPZ-R2
Description  Ultralow Noise Drivers for Low Voltage ADCs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4930-1YCPZ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4930-1YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
Data Sheet
ADA4930-1/ADA4930-2
Rev. C | Page 25 of 25
OUTLINE DIMENSIONS
3.10
3.00 SQ
2.90
0.32
0.25
0.20
1.80
1.70 SQ
1.60
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
(0.30)
0.50
0.40
0.30
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.80
0.75
0.70
COMPLIANT TO JEDEC STANDARDS MO-220-WEED-2.
Figure 61. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-35)
Dimensions shown in millimeters
0.50
BSC
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD-8.
BOTTOM VIEW
TOP VIEW
4.10
4.00 SQ
3.90
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
PIN 1
INDICATOR
1
24
7
12
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.30
0.25
0.20
PIN 1
INDICATOR
0.20 MIN
2.40
2.30 SQ
2.20
EXPOSED
PAD
Figure 62. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-24-14)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering Quantity
Branding
ADA4930-1YCPZ-R2
−40°C to +105°C
16-Lead LFCSP
CP-16-35
250
H1G
ADA4930-1YCPZ-RL
−40°C to +105°C
16-Lead LFCSP
CP-16-35
5,000
H1G
ADA4930-1YCPZ-R7
−40°C to +105°C
16-Lead LFCSP
CP-16-35
1,500
H1G
ADA4930-2YCPZ-R2
−40°C to +105°C
24-Lead LFCSP
CP-24-14
250
ADA4930-2YCPZ-RL
−40°C to +105°C
24-Lead LFCSP
CP-24-14
5,000
ADA4930-2YCPZ-R7
−40°C to +105°C
24-Lead LFCSP
CP-24-14
1,500
1
Z = RoHS Compliant Part.
©2010–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09209-0-5/17(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com