Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4930-2YCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4930-2YCPZ-R7
Description  Ultralow Noise Drivers for Low Voltage ADCs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4930-2YCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4930-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4930-2YCPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
ADA4930-1/ADA4930-2
Data Sheet
Rev. C | Page 20 of 25
RS
50Ω
VS
2V p-p
RIN
401.333Ω
ADA4930
RL VOUT, dm
+VS
–VS
RG1
301Ω
RG2
301Ω
RF2
301Ω
RF1
301Ω
VOCM
Figure 46. Single-Ended Input Impedance RIN
2.
Add a termination resistor, RT. To match the 50 Ω source
resistance, RT is added. Because RT||401.33 Ω = 50 Ω,
RT= 57.116 Ω.
ADA4930
RL VOUT, dm
+VS
–VS
RS
50Ω
RG1
301Ω
RG2
301Ω
RF2
301Ω
RF1
301Ω
VOCM
VS
2V p-p
RIN
50Ω
RT
57.116
Ω
Figure 47. Adding Termination Resistor RT
3.
Replace the source-termination resistor combination with
its Thevenin equivalent. The Thevenin equivalent of the
source resistance RS and the termination resistance RT is
RTH = RS||RT = 26.66 Ω. The Thevenin equivalent of the
source voltage is
VTH = VS
T
S
T
R
R
R
+
= 1.066 V p-p
RS
50Ω
VS
2V p-p
RT
57.116
Ω
RTH
26.661Ω
VTH
1.066V p-p
Figure 48. Thevenin Equivalent Circuit
4.
Set RF1 = RF2 = RF to maintain a balanced system.
Compensate the imbalance caused by RTH. There are two
methods available to compensate, which follow:
•
Add RTH to RG2 to maintain balanced gain resistances
and increase RF1 and RF2 to RF =
TH
S
V
V
Gain(RG + RTH) to
maintain the system gain.
•
Decrease RG2 to RG2 =
Gain
V
V
R
S
TH
F
×
×
to maintain system
gain and decrease RG1 to (RG2 − RTH) to maintain
balanced gain resistances.
The first compensation method is used in the Analog Devices
DiffAmpCalc™ tool. Using the second compensation method,
RG2 = 160.498 Ω and RG1 = 160.498 − 26.66 = 133.837 Ω. The
modified circuit is shown in Figure 49.
ADA4930
RL VOUT, dm
+VS
–VS
RTH
26.661Ω
RG1
133.837Ω
RG2
160.498Ω
RF2
301Ω
RF1
301Ω
VOCM
VTH
1.066V p-p
Figure 49. Thevenin Equivalent with Matched Gain Resistors
Figure 49 presents an easily manageable circuit with matched
feedback loops that can be easily evaluated.
5. The modified gain resistor, RG1, changes the input impedance.
Repeat Step 1 through Step 4 several times using the modified
value of RG1 from the previous iteration until the value of
RT does not change from the previous iteration. After three
additional iterations, the change in RG1 is less than 0.1%.
The final circuit is shown in Figure 50 with the closest
0.5% resistor values.
ADA4930
RL
VOUT, dm
1.990V p-p
+VS
–VS
RS
50Ω
RG
142Ω
VP
VN
RG2
169Ω
RF1
301Ω
RF2
301Ω
VOCM
VS
2V p-p
0.998V p-p
RT
64.2
Ω
Figure 50. Terminated Single-Ended-to-Differential System with G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com