Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5MBF Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # US5MBF
Description  5 .0A SURFACE MOUNT ULTRAFAST DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

US5MBF Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  US5MBF Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd US5MBF Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
65°C
I
US5 ABF – US5 MBF
US5 ABF – US5 MBF
Characteristic
-65 to +150
°C
50
75
nS
35
70
140
280
420
560
800
V
50
100
200
400
600
800
1000
V
1.0
1.3
1.7
V
Features
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL =
O
5.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100
A
Forward Voltage
@IF = 5.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5
200
µA
Reverse Recovery Time (Note 1)
trr
Typical Junction Capacitance (Note 2)
Cj
75
pF
Typical Thermal Resistance (Note 3)
RJL
65
°C/W
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
1 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
5 .0A SURFACE MOUNT ULTRAFAST DIODE
                            
Weight: 0.057 grams (approx.)
Case: SMBF, Molded Plastic
Surge Overload Rating to 30A Peak
Ultra-Fast Recovery Time
Classification Rating 94V-O
Low Power Loss
Ideally Suited for Automatic Assembly
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
!
Lead Free: For RoHS / Lead Free Version
A
B
C
D
F
E
G
SMBF
4.40
4.20
3.70
3.50
Dim
Min
Max
A
B
C
D
E
F
G
All Dimensions in mm
0.26
0.18
5.50
5.10
1.30
1.10
1.00
-
2.20
1.90
bol
Sym
US5ABF
US5BBF
US5DBF US5GBF
US5J BF
US5K BF
US5MBF
Unit
Alldatasheet


Similar Part No. - US5MBF

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
US5MBF YINT-US5MBF Datasheet
473Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Microdiode Semiconducto...
US5MBF CHENDA-US5MBF Datasheet
799Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US5MBF YFWDIODE-US5MBF Datasheet
476Kb / 3P
Surface Mount Ultrafast Recovery Rectifier
logo
SHIKUES Electronics
US5MBF SKTECHNOLGY-US5MBF Datasheet
1Mb / 3P
Surface Mount Ultrafast Recovery Rectifier
logo
UN Semiconducctor INC
US5MBF UNSEMI-US5MBF Datasheet
2Mb / 4P
Surface Mount Fast Recovery Rectifiers
Revision March 1,2022
More results

Similar Description - US5MBF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SR0540L CHENDA-SR0540L Datasheet
5Mb / 2P
5 0A Surface Mount Schottky Barrier Rectifiers
SL0540 CHENDA-SL0540 Datasheet
5Mb / 2P
5 0A Surface Mount Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
RS5A ZSELEC-RS5A Datasheet
113Kb / 2P
5 .0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS5ABF ZSELEC-RS5ABF Datasheet
116Kb / 2P
5 .0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
EGF5A ZSELEC-EGF5A Datasheet
114Kb / 2P
5 .0A SURFACE MOUNT ULTRAFAST DIODE
ES5A ZSELEC-ES5A Datasheet
109Kb / 2P
5 .0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
UF5A ZSELEC-UF5A Datasheet
108Kb / 2P
5 .0A SURFACE MOUNT ULTRAFAST DIODE
US5A ZSELEC-US5A Datasheet
110Kb / 2P
5 .0A SURFACE MOUNT ULTRAFAST DIODE
ER5A ZSELEC-ER5A Datasheet
104Kb / 2P
5 .0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
MURS510 ZSELEC-MURS510 Datasheet
157Kb / 2P
5 .0A SURFACE MOUNT ULTRAFAST DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com