Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNMM54C151 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MNMM54C151
Description  8-CHANNEL DIGITAL MULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNMM54C151 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MNMM54C151 Datasheet HTML 1Page - National Semiconductor (TI) MNMM54C151 Datasheet HTML 2Page - National Semiconductor (TI) MNMM54C151 Datasheet HTML 3Page - National Semiconductor (TI) MNMM54C151 Datasheet HTML 4Page - National Semiconductor (TI) MNMM54C151 Datasheet HTML 5Page - National Semiconductor (TI) MNMM54C151 Datasheet HTML 6Page - National Semiconductor (TI) MNMM54C151 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Original Creation Date: 10/17/95
Last Update Date: 05/19/97
Last Major Revision Date: 04/02/97
MNMM54C151-X REV 1A0
MICROCIRCUIT DATA SHEET
8-CHANNEL DIGITAL MULTIPLEXER
General Description
The MM54C151 multiplexer is a monolithic complementary MOS (CMOS) integrated circuit
constructed with N- and P-channel enhancement transistors.
This data selector/multiplexer contains on-chip binary decoding. Two outputs provide true
(output Y) and complement (output W) data. A logical "1" on the strobe input forces W to a
logical "1" and Y to a logical "0".
All inputs are protected against electrostatic effects.
NS Part Numbers
MM54C151J/883
MM54C151W/883
Industry Part Number
MM54C151
Prime Die
MM54C151
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - MNMM54C151

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MNM4200 MICROSEMI-MNM4200 Datasheet
295Kb / 6P
NANOMOUNT-TM SWITCHES
MNM4210 MICROSEMI-MNM4210 Datasheet
295Kb / 6P
NANOMOUNT-TM SWITCHES
MNM4220 MICROSEMI-MNM4220 Datasheet
295Kb / 6P
NANOMOUNT-TM SWITCHES
More results

Similar Description - MNMM54C151

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC151 STMICROELECTRONICS-M54HC151 Datasheet
248Kb / 11P
8 CHANNEL MULTIPLEXER
Feb-1993
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
8-Channel Digital Multiplexer
logo
National Semiconductor ...
MM54HCT151 NSC-MM54HCT151 Datasheet
137Kb / 4P
8-Channel Digital Multiplexer
logo
Toshiba Semiconductor
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
8 - CHANNEL MULTIPLEXER
TC74AC151F TOSHIBA-TC74AC151F Datasheet
272Kb / 6P
8 CHANNEL MULTIPLEXER
TC74HC151AP TOSHIBA-TC74HC151AP_07 Datasheet
340Kb / 10P
8-Channel Multiplexer
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151_01 Datasheet
338Kb / 12P
8 CHANNEL MULTIPLEXER
Jul-2001
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
8-Channel Multiplexer
TC74ACT151F TOSHIBA-TC74ACT151F_12 Datasheet
264Kb / 7P
8-Channel Multiplexer
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
8-CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com