Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BNC75-R-A-CF Datasheet(PDF) 9 Page - DDK Ltd.

Part # BNC75-R-A-CF
Description  75 廓 BNC Style Connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC75-R-A-CF Datasheet(HTML) 9 Page - DDK Ltd.

  BNC75-R-A-CF Datasheet HTML 1Page - DDK Ltd. BNC75-R-A-CF Datasheet HTML 2Page - DDK Ltd. BNC75-R-A-CF Datasheet HTML 3Page - DDK Ltd. BNC75-R-A-CF Datasheet HTML 4Page - DDK Ltd. BNC75-R-A-CF Datasheet HTML 5Page - DDK Ltd. BNC75-R-A-CF Datasheet HTML 6Page - DDK Ltd. BNC75-R-A-CF Datasheet HTML 7Page - DDK Ltd. BNC75-R-A-CF Datasheet HTML 8Page - DDK Ltd. BNC75-R-A-CF Datasheet HTML 9Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
http://www.ddknet.co.jp
BNC75 Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○ Assembly Instruction(4)
①
② Insert the ferule on the outer conductor.
  Pick the outer conductor and spread the top of center
conductor. Insert the insulator from the outer conductor.
Cut the extra outer conductor along the sleeve.
  Cut the insulator in length A. Cut the center conductor
after pre-soldering.
②
③
③ Insert the insulator and solder the contact.
④ Insert the above contact into the body and crimp
the body as fig.4.
④
⑤
⑤ Cover the heat-shrinkable tube on the root of
the connector body and heat up the tube.
9
Heat-shrinkable tube Ferule
Sleeve
Insulator
Contact
Body
20
A 3.5
Outer Conductor
Sheath
Heat-shrinkable tube
Insulator
Center Conductor
Sleeve
Ferule
Cut off extra outer conductor
Soldering
Contact
Insulator
Body
Crimp Tool
Same level
Heat-shrinkable tube
Heat-shrinkable tube Ferule
Sleeve
Insulator
Contact
Body
20
A 3.5
Outer Conductor
Sheath
Heat-shrinkable tube
Insulator
Center Conductor
Sleeve
Ferule
Cut off extra outer conductor
Soldering
Contact
Insulator
Body
Crimp Tool
Same level
Heat-shrinkable tube
① Insert the heat-shrinkable tube into the cable
and cut the cable as fig.1.
Part Number
A
BNC75-J-2.5C2W-CR10A-CF
7.2mm
BNC75-PJ-3CW-CR10B-CF
6.8mm
Part Number
Crimp Tool
BNC75-J-2.5C2W-CR10A-CF
CR-H-1105
BNC75-PJ-3CW-CR10B-CF
CR-H-1132
Parts Configulration



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com