Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK3015 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK3015
Description  THREE PHASE BRIDGE MOSFET POWER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK3015 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK3015 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK3015 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK3015 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK3015 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK3015 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Drain-Source Leakage Current
Gate-Source Threshold Voltage
Drain-Source On Resistance
Drain-Source On Resistance
Forward Transconductance
Forward On Voltage
Reverse Recovery Time
Reverse Recovery Charge
Drain-Source Breakdown Voltage
Gate-Source Leakage Current
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Body Diode
1
2
3
4
830 mJ
+150°C MAX
-55°C to +150°C
-55°C to +125°C
300°C MAX
Single Pulse Avalanche Energy
Junction Temperature
Storage Temperature
Case Operating Temperature Range
Lead Temperature Range
(10 Seconds)
Drain to Source Voltage
Drain to Gate Voltage
(RGS=1MΩ)
Gate to Source Voltage
(Continuous)
Continuous Current
Pulsed Current
Thermal Resistance
(Junction to Case)@25°C
Thermal Resistance
(Junction to Case)@125°C
ABSOLUTE MAXIMUM RATINGS
VDSS
VDGDR
VGS
ID
IDM
RTH-JC
RTH-JC
TJ
TST
TC
TLD
100V MAX
100V MAX
±20V MAX
23A MAX
41A MAX
1.2°C/W
2.0°C/W
VGS=0 ID=0.25mA
VDS=100V VGS=0V
VGS=±20V VDS=0
VDS=VGS ID=250µA
VGS=10V ID = 23A
VGS=10V ID=23A
VDS=25V ID=23A
ID = 23A
VDS=80V
VGS = 10V
VDD=50V
ID = 23A
RG = 6.2Ω
RD = 1.2Ω
VGS=0V
VDS=25V
f=1MHz
IS=23 A VGS=0V
IS=23 A di/dt=100A/µS
Parameter
Units
MSK3015
Test Conditions
V
µA
nA
V
Ω
Ω
S
nC
nC
nC
nS
nS
nS
nS
pF
pF
pF
V
nS
µC
Min.
100
-
-
2.0
-
-
13
-
-
-
-
-
-
-
-
-
-
-
-
-
Typ.
-
-
-
-
-
-
-
-
-
-
16
120
60
81
2800
1100
280
2.5
220
1.9
Max.
-
250
±100
4.0
0.09
0.06
-
140
29
68
-
-
-
-
-
-
-
-
330
2.9
ELECTRICAL SPECIFICATIONS
2
NOTES:
This parameter is guaranteed by design but need not be tested. Typical parameters are representative of actual device performance but are for reference only.
Resistance as seen at package pins.
Resistance for die only; use for thermal calculations.
TA=25°C unless otherwise specified.
4
2
Rev. - 8/01
1
1
1
1
1
1
3
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com