Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL3-TH16 Datasheet(PDF) 3 Page - SICK AG

Part # LL3-TH16
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LL3-TH16 Datasheet(HTML) 3 Page - SICK AG

  LL3-TH16 Datasheet HTML 1Page - SICK AG LL3-TH16 Datasheet HTML 2Page - SICK AG LL3-TH16 Datasheet HTML 3Page - SICK AG LL3-TH16 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LL3-TH16 | LL3
FIBER-OPTIC SENSORS AND FIBERS
ECl@ss 6.0
27270905
ECl@ss 6.2
27270905
ECl@ss 7.0
27270905
ECl@ss 8.0
27270905
ECl@ss 8.1
27270905
ECl@ss 9.0
27270905
ETIM 5.0
EC002651
ETIM 6.0
EC002651
UNSPSC 16.0901
39121528
Sensing ranges with WLL180T
Operating mode 16 µs
90 mm
Operating mode 70 µs
290 mm
Operating mode 250 µs
480 mm
Operating mode 2 ms
970 mm
Operating mode 8 ms
1,000 mm
Sensing ranges with GLL170
Operating mode 250 µs
270 mm
Sensing ranges with GLL170T
Operating mode 50 µs
290 mm
Operating mode 250 µs
410 mm
Dimensional drawing (Dimensions in mm (inch))
LL3-TH16
24
800+25
Ø 3,8
Ø 4
9,3
Ø 3,5
Ø 2,7
24
25,8
2000
785+55
17
20
Ø 2,2
Ø 4
M4 x 0,7
12
8
2,2
2017-09-05 09:33:06 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com