Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4201 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4201
Description  28 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4201 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4201 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4201 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4201 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4201 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4201 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4201 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4201 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The MSK 4201 is a complete H-Bridge hybrid to be used for DC brushed motor control or Class D switchmode
amplifier. All of the drive/control circtuitry for the lowside and highside switches are internal to the hybrid. The user
provides a TTL compatible PWM signal for simultaneous amplitude and direction control in four quadrant mode. The
internal drive circuitry will provide proper deadtime/shoot-through protection for each half-bridge. All N-channel FETs
mean the best efficiency for the size, both in terms of on-resistance and switching capability. For an idle/sleep mode,
or for fault protection, a TTL compatible disable pin is provided so as to shut down all four transistors. The MSK 4201
is packaged in a space efficient isolated 8 pin TO-3 that can be directly connected to a heatsink.
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
M.S.KENNEDY CORP.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
5
6
7
8
GND
INPUT
MOTOR A
RSENSE
1
2
3
4
V+
MOTOR B
VCC
DISABLE
ISO 9001 CERTIFIED BY DESC
MIL-PRF-38534 CERTIFIED
28 VOLT 5 AMP MOSFET
H-BRIDGE PWM MOTOR
DRIVER/AMPLIFIER
FEATURES:
Low Cost Complete H-Bridge
28 Volt, 5 Amp Capability, 75 Volt Maximum Rating
Self-contained Smart Lowside/Highside Drive Circuitry
Internal Deadtime Generation, Shoot-through Protection
Output Disable/Shutdown Capability
Isolated Case Allows Direct Heatsinking
Four Quadrant Operation, Torque Control Capability
Available Fully Screened To MIL-H-38534
DESCRIPTION:
4201
Rev. B 6/00
1


Similar Part No. - MSK4201

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4201 ANAREN-MSK4201 Datasheet
144Kb / 6P
75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4201B ANAREN-MSK4201B Datasheet
144Kb / 6P
75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK4201 MSK-MSK4201_15 Datasheet
144Kb / 6P
Low Cost Complete H-Bridge
More results

Similar Description - MSK4201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSK4220 ETC-MSK4220 Datasheet
427Kb / 5P
75 VOLT 8 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4222 ETC-MSK4222 Datasheet
413Kb / 5P
75 VOLT 8 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK4223 MSK-MSK4223 Datasheet
358Kb / 5P
75 VOLT 6 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
List of Unclassifed Man...
MSK4221 ETC1-MSK4221 Datasheet
409Kb / 5P
75 VOLT 8 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK4200 MSK-MSK4200 Datasheet
153Kb / 5P
75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4225S MSK-MSK4225S Datasheet
235Kb / 5P
75 VOLT 20 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
Anaren Microwave
MSK4200 ANAREN-MSK4200 Datasheet
146Kb / 6P
75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4201 ANAREN-MSK4201 Datasheet
144Kb / 6P
75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4203 ANAREN-MSK4203 Datasheet
121Kb / 5P
75 VOLT 10 AMP H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4225 ANAREN-MSK4225 Datasheet
132Kb / 5P
75 VOLT 20 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com