Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4201B Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4201B
Description  28 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4201B Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4201B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4201B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4201B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4201B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4201B Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4201B Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4201B Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OUTPUT CHARACTERISTICS
VDS(ON) Voltage (Each MOSFET)
Instantaneous Forward Voltage, Each MOSFET
(Intrinsic Diode)
Reverse Recovery Time (Intrinsic Diode)
Leakage Current, Each MOSFET
LOGIC SUPPLY CHARACTERISTICS
Quiescent Logic Current
INPUT SIGNALS CHARACTERISTICS
Threshold Voltage
SWITCHING CHARACTERISTICS
Turn-On Propagation Delay (Includes Deadtime)
Turn-Off Propagation Delay
Rise-Time
Fall-Time
Dead-Time
ID=2A
IS=2A
V+=75V
V+=70V
V+=75V
VCC=12V
(non-switching)
VCC=12V
V+=28V, VCC=12V, IC=2A
75V
16V
5A
37A
GND-2V min. To V+ max.
2.6°C/W
High Voltage Supply
Logic Supply
Continuous Output Current
Peak Output Current
Output Voltage Range
Thermal Resistance
(Output Switches)
1
2
3
1
2
3
-
1
2
3
1
2
3
1,2,3
4
4
4
4
-
ABSOLUTE MAXIMUM RATINGS
V+
VCC
IOUT
IPK
VOUT
θJC
-65°C to +150°C
300°C
-25°C to +85°C
-55°C to +125°C
+175°C
MSK 4201B
MSK 4201
Parameter
Test Conditions
ELECTRICAL SPECIFICATIONS
Units
Min.
-
-
-
-
-
-
-
-
-
-
-
-
-
0.8
-
-
-
-
-
Typ.
0.55
-
-
0.95
-
-
-
1.0
-
-
11
-
-
1.5
160
85
36
170
100
Max.
1.0
-
-
1.2
-
-
240
10
-
-
15
-
-
2.7
-
-
-
-
-
Min.
-
-
-
-
-
-
-
-
-
-
-
-
-
0.8
-
-
-
-
-
1
2
3
4
5
NOTES:
44444
Max.
0.8
1.2
0.60
1.1
0.95
1.25
240
5
10
5
15
15
15
2.7
TBD
TBD
TBD
TBD
-
Typ.
0.55
0.90
0.36
0.95
0.85
1.0
-
1.0
2.0
0.5
11
11
11
1.5
160
85
36
170
100
30
30
30
30
30
V
V
V
V
V
V
nS
uA
uA
uA
mA
mA
mA
V
nS
nS
nS
nS
nS
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK4201
MSK4201B
Junction Temperature
TST
TLD
TC
TJ
1
1
Group A
Subgroup
5
3
2
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("B" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4
TA=TC= +25°C
2
TA=TC= +125°C
3
TA=TC= -55°C
All Ratings: Tc= +25°C Unless Otherwise Specified
1
2
Rev. B 6/00



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com