Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-TI1OP-518-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-TI1OP-518-C1-R0
Description  Optimized for natural convection air cooling
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-TI1OP-518-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-TI1OP-518-C1-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
NOTES:
1)
Dimension C = heat sink height from bottom of the base to the top of the fin field.
2)
Material AL-6063
Thermal Performance
For more information, to find a distributor or to place an order, visit www.qats.com or call: 781.769.2800.
ATS PART # ATS-TI10P-518-C1-R0
Features & Benefits
» Optimized for natural convection air cooling
» Black anodized for maximum heat dissipation
» Designed specifically for TI’s Audio Evaluation
Module #TAS5611PHD2EVM
Texas Instruments Heat Sink
REV1_1113
AIR VELOCITY
THERMAL RESISTANCE
FT/MIN
M/S
°C/W (UNDUCTED FLOW)
°C/W (DUCTED FLOW)
200
1.0
300
1.5
n/a
400
2.0
n/a
500
2.5
n/a
600
3.0
n/a
700
3.5
n/a
800
4.0
n/a
3.0
2.5
2.2
2.0
1.8
1.7
1.6
2.0
*Image above is for illustration purposes only.
DIMENSION A
DIMENSION B
DIMENSION C
INTERFACE MATERIAL
FINISH
78 mm
36 mm
28.1 mm
BLACK ANODIZED
N/A
A
B
C
78mm (Sink Length)
1.60mm
1.00mm


Similar Part No. - ATS-TI1OP-518-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-TI1OP-518-C1-R1 ATS-ATS-TI1OP-518-C1-R1 Datasheet
327Kb / 1P
Black anodized for maximum heat dissipation
REV1_1113
More results

Similar Description - ATS-TI1OP-518-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-TI1OP-519-C1-R0 ATS-ATS-TI1OP-519-C1-R0 Datasheet
425Kb / 1P
Optimized for natural convection air cooling
REV1_0813
ATS-TI1OP-519-C1-R1 ATS-ATS-TI1OP-519-C1-R1 Datasheet
499Kb / 1P
Optimized for natural convection air cooling
REV1_1113
ATS-TI1OP-519-C1-R2 ATS-ATS-TI1OP-519-C1-R2 Datasheet
433Kb / 1P
Optimized for natural convection air cooling
REV1_0813
ATS-TI1OP-519-C1-R3 ATS-ATS-TI1OP-519-C1-R3 Datasheet
453Kb / 1P
Optimized for natural convection air cooling
REV1_1113
ATS-TI1OP-521-C1-R0 ATS-ATS-TI1OP-521-C1-R0 Datasheet
381Kb / 1P
Optimized for natural convection air cooling
REV1_1113
ATS-TI1OP-521-C1-R1 ATS-ATS-TI1OP-521-C1-R1 Datasheet
372Kb / 1P
Optimized for natural convection air cooling
REV1_1113
ATS-TI1OP-563-C1-R0 ATS-ATS-TI1OP-563-C1-R0 Datasheet
955Kb / 1P
Optimized for natural convection air cooling
REV1_1113
ATS-TI10P-519-C1-R1 ATS-ATS-TI10P-519-C1-R1 Datasheet
162Kb / 1P
Optimized for natural convection air cooling
REV3-1117
ATS-TI10P-521-C1-R0 ATS-ATS-TI10P-521-C1-R0 Datasheet
140Kb / 1P
Optimized for natural convection air cooling
REV3-1117
ATS-TI10P-521-C2-R0 ATS-ATS-TI10P-521-C2-R0 Datasheet
116Kb / 1P
Optimized for natural convection air cooling
REV3-1117
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com