Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC732N7002KB Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC732N7002KB
Description  60V, 0.3A N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC732N7002KB Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC732N7002KB Datasheet HTML 1Page - E-CMOS Corporation EC732N7002KB Datasheet HTML 2Page - E-CMOS Corporation EC732N7002KB Datasheet HTML 3Page - E-CMOS Corporation EC732N7002KB Datasheet HTML 4Page - E-CMOS Corporation EC732N7002KB Datasheet HTML 5Page - E-CMOS Corporation EC732N7002KB Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EC732N7002KB
60V、
、
、
、0.3A
N-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 6
4L11N-Rev.F001
Electrical Characteristics (TA=25℃
℃
℃
℃ unless otherwise noted)
Source-Drain Ratings and Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Drain-to-Source breakdown voltage
V(BR)DSS
VGS = 0V, ID = 250µA
60
V
VGS=10V, ID=0.5A
1.5
2
Static Drain-to-Source on-resistance
RDS(on)
VGS=5V, ID=0.05A
3.0
Gate threshold voltage
VGS(th)
VDS = VGS, ID = 250µA
1
2.5
V
Drain-to-Source leakage current
IDSS
VDS = 60V,VGS = 0V
1
uA
VGS=±5V,VDS=0V
±100
nA
Gate-to-Source forward leakage
IGSS
VGS=±20V,VDS=0V
±10
uA
Turn-on delay time
td(on)
25
Turn-Off delay time
td(off)
VGS=10V, VDS=30V,
ID=0.2A,RGEN=10
35
ns
Input capacitance
Ciss
40
Output capacitance
Coss
16.6
Reverse transfer capacitance
Crss
VGS = 0V
VDS = 25V
ƒ = 1MHz
9.5
pF
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Continuous Source Current
(Body Diode)
IS
0.3
A
Pulsed Source Current
(Body Diode)
ISM
MOSFET symbol
showing the
integral reverse
p-n junction diode
1.2
A
Diode Forward Voltage
VSD
IS=0.2A, VGS=0V
1.3
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com