Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2S Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # CD2S
Description  200 to 1000 Volts Current - 1.0 Ampere
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

CD2S Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  CD2S Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd CD2S Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd CD2S Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CD2S THRU CD10S
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
Voltage Range - 200 to 1000 Volts
Current - 1.0 Ampere
CDS
Features:
1A , 200 - 1000V
Glass passivated junction
Ideal for printed circuit board
Thin body, flat lead
High
temperature
soldering
guaranteed: 260 ℃ /10seconds/
0.375”(9.5mm)
Leads solderable per
MIL-STD-202,Method 208
High reliability under 125℃
working environment, with the
limit temperature 150℃
These are powerful bridge rectifiers with
enhanced Glass Passivated Junction P-N
chips. They are advanced rectifiers designed,
tested and guaranteed to withstand a specified
level of energy in the forward mode of
operation. All of these rectifiers are designed
for applications such as,switching convertors.
They have the low negative leakage and low
forward voltage drop, which allows these types
to be operated directly from integrated circuits.
D1
D2
D3
D4
+
-
~
~
-
+
AC1
AC2
Outline Drawing : Dimensions in inches(millimeters)
Bridge Rectifier Datasheet
http://www.microdiode.com


Similar Part No. - CD2S

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
CD2S CHENDA-CD2S_17 Datasheet
1Mb / 3P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - CD2S

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1H1G DAESAN-1H1G Datasheet
284Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4942G DAESAN-1N4942G Datasheet
320Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 200 to 1000 Volts
BA157G DAESAN-BA157G Datasheet
322Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 400 to 1000 Volts
DF005 DAESAN-DF005 Datasheet
176Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Chenmko Enterprise Co. ...
1N4942PT CHENMKO-1N4942PT Datasheet
88Kb / 2P
VOLTAGE RANGE 200 - 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com