Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5186 Datasheet(PDF) 12 Page - NEC

Part # 2SC5186
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5186 Datasheet(HTML) 12 Page - NEC

Back Button 2SC5186 Datasheet HTML 8Page - NEC 2SC5186 Datasheet HTML 9Page - NEC 2SC5186 Datasheet HTML 10Page - NEC 2SC5186 Datasheet HTML 11Page - NEC 2SC5186 Datasheet HTML 12Page - NEC 2SC5186 Datasheet HTML 13Page - NEC 2SC5186 Datasheet HTML 14Page - NEC 2SC5186 Datasheet HTML 15Page - NEC 2SC5186 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
NE68733
VCE = 2.0 V, IC = 3.0 mA
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
0.1
0.860
-13.200
8.984
165.800
0.024
83.200
0.970
-9.900
0.113
25.733
0.4
0.653
-51.000
7.149
131.000
0.081
63.300
0.781
-32.600
0.413
19.458
0.8
0.403
-82.900
4.837
103.900
0.123
55.400
0.570
-45.700
0.702
15.947
1.0
0.324
-95.500
4.091
94.600
0.139
54.300
0.507
-49.000
0.804
14.688
1.5
0.198
-127.200
2.967
77.100
0.179
53.400
0.409
-54.500
0.964
12.195
2.0
0.141
-164.900
2.341
63.700
0.221
52.200
0.358
-59.700
1.037
9.073
2.5
0.139
156.600
1.971
52.100
0.266
50.200
0.325
-66.500
1.054
7.271
3.0
0.164
130.300
1.715
42.300
0.311
47.300
0.305
-75.900
1.053
6.005
4.0
0.230
98.200
1.414
25.400
0.405
39.400
0.286
-99.000
1.018
4.597
5.0
0.311
79.300
1.236
10.300
0.495
29.800
0.264
-125.800
0.988
3.974
VCE = 2.0 V, IC = 7.0 mA
VCE = 2.0 V, IC = 20.0 mA
0.1
0.437
-34.500
26.620
145.800
0.018
76.800
0.809
-24.400
0.461
31.699
0.4
0.179
-90.400
11.869
104.400
0.056
72.600
0.424
-43.100
0.880
23.262
0.8
0.082
-134.900
6.340
86.700
0.102
71.800
0.306
-43.200
0.996
17.935
1.0
0.067
-160.200
5.143
80.900
0.126
70.500
0.282
-43.800
1.012
15.430
1.5
0.077
149.800
3.531
69.100
0.184
66.200
0.248
-47.500
1.027
11.828
2.0
0.106
123.200
2.732
59.200
0.241
60.900
0.225
-53.300
1.027
9.541
2.5
0.137
109.800
2.254
50.000
0.295
55.400
0.207
-62.300
1.024
7.889
3.0
0.165
99.000
1.946
41.700
0.346
49.700
0.194
-74.900
1.019
6.645
4.0
0.221
83.800
1.594
26.700
0.437
38.400
0.185
-105.800
1.006
5.161
5.0
0.290
73.400
1.379
12.300
0.515
27.000
0.172
-139.300
0.994
4.278
NE687 SERIES
0.1
0.704
-21.900
16.558
158.400
0.023
77.300
0.922
-16.100
0.248
28.573
0.4
0.410
-66.900
10.214
116.700
0.066
65.000
0.600
-41.100
0.649
21.897
0.8
0.209
-97.700
5.923
94.000
0.107
63.900
0.409
-47.800
0.898
17.432
1.0
0.157
-110.500
4.860
86.800
0.128
63.700
0.365
-49.200
0.954
15.794
1.5
0.092
-152.600
3.391
72.900
0.180
61.700
0.305
-52.500
1.016
11.986
2.0
0.086
157.500
2.635
61.900
0.233
58.100
0.271
-57.400
1.034
9.404
2.5
0.113
127.700
2.193
51.700
0.284
53.800
0.248
-64.800
1.035
7.738
3.0
0.143
110.900
1.896
43.100
0.333
49.000
0.233
-75.300
1.031
6.477
4.0
0.203
89.100
1.551
27.500
0.425
39.000
0.220
-101.500
1.013
4.921
5.0
0.270
76.200
1.353
13.100
0.506
28.400
0.202
-130.800
0.998
4.271
Note:
1.Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com