Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5182 Datasheet(PDF) 4 Page - NEC

Part # 2SC5182
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5182 Datasheet(HTML) 4 Page - NEC

  2SC5182 Datasheet HTML 1Page - NEC 2SC5182 Datasheet HTML 2Page - NEC 2SC5182 Datasheet HTML 3Page - NEC 2SC5182 Datasheet HTML 4Page - NEC 2SC5182 Datasheet HTML 5Page - NEC 2SC5182 Datasheet HTML 6Page - NEC 2SC5182 Datasheet HTML 7Page - NEC 2SC5182 Datasheet HTML 8Page - NEC 2SC5182 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Collector Current, IC (mA)
D.C. CURRENT GAIN vs.
COLLECTOR CURRENT
Collector Current, IC (mA)
Collector Current, IC (mA)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
NE68718
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
NE68730
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
Collector Current, IC (mA)
NE68718
INSERTION GAIN vs.
COLLECTOR CURRENT
NE68733
NOISE FIGURE vs.
COLLECTOR CURRENT
TYPICAL PERFORMANCE CURVES (TA = 25°C)
f = 2 GHz
2 V
VCE = 1 V
14
12
10
8
4
6
1
2
5
10
20 30
100
VCE = 1 V
VCE = 2 V
f = 2 GHz
4
3
2
1
0
2
15
10
20
100
VCE = 1 V
VCE = 2 V
500
200
100
50
20
10
1
2
5
10
20
50
100
Collector to Base Voltage, VCB (V)
0.6
0.5
0.4
0.3
0.2
1.0
2.0
3.0
4.0
5.0
f = 1 MHz
VCE = 2V
50
40
30
20
10
00.5
1.0
Base to Emitter Voltage, VBE (V)
f = 2 GHz
VCE = 1 V
2 V
16
14
12
10
8
6
4
2
1
2
5
10
20 30
100
50
NE687 SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com