Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9625 Datasheet(PDF) 63 Page - Analog Devices

Part # AD9625
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9625 Datasheet HTML 59Page - Analog Devices AD9625 Datasheet HTML 60Page - Analog Devices AD9625 Datasheet HTML 61Page - Analog Devices AD9625 Datasheet HTML 62Page - Analog Devices AD9625 Datasheet HTML 63Page - Analog Devices AD9625 Datasheet HTML 64Page - Analog Devices AD9625 Datasheet HTML 65Page - Analog Devices AD9625 Datasheet HTML 66Page - Analog Devices AD9625 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 61 of 72
Table 59. JESD204B Configuration Register, Address 0x064 (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
JESD204B serial device identification (DID) number.
Table 60. JESD204B Configuration Register, Address 0x065 (Default = 0x00)
Bit No.
Access
Bit Description
[7:4]
Unused.
[3:0]
RW
JESD204B serial bank identification (BID) number (extension to DID).
Table 61. JESD204B Configuration Register, Address 0x066 (Default = 0x00)
Bit No.
Access
Bit Description
[7:5]
Unused.
[4:0]
RW
JESD204B serial lane identification (LID) number for Lane 0.
Table 62. JESD204B Configuration Register, Address 0x067 (Default = 0x01)
Bit No.
Access
Bit Description
[7:5]
Unused.
[4:0]
RW
JESD204B serial lane identification (LID) number for Lane 1.
Table 63. JESD204B Configuration Register, Address 0x068 (Default = 0x02)
Bit No.
Access
Bit Description
[7:5]
Unused.
[4:0]
RW
JESD204B serial lane identification (LID) number for Lane 2.
Table 64. JESD204B Configuration Register, Address 0x069 (Default = 0x03)
Bit No.
Access
Bit Description
[7:5]
Unused.
[4:0]
RW
JESD204B serial lane identification (LID) number for Lane 3.
Table 65. JESD204B Configuration Register, Address 0x06A (Default = 0x04)
Bit No.
Access
Bit Description
[7:5]
Unused.
[4:0]
RW
JESD204B serial lane identification (LID) number for Lane 4.
Table 66. JESD204B Configuration Register, Address 0x06B (Default = 0x05)
Bit No.
Access
Bit Description
[7:5]
Unused.
[4:0]
RW
JESD204B serial lane identification (LID) number for Lane 5.
Table 67. JESD204B Configuration Register, Address 0x06C (Default = 0x06)
Bit No.
Access
Bit Description
[7:5]
Unused.
[4:0]
RW
JESD204B serial lane identification (LID) number for Lane 6.
Table 68. JESD204B Configuration Register, Address 0x06D (Default = 0x07)
Bit No.
Access
Bit Description
[7:5]
Unused.
[4:0]
RW
JESD204B serial lane identification (LID) number for Lane 7.
Table 69. JESD204B Configuration Register, Address 0x06E (Default = 0x87)
Bit No.
Access
Bit Description
7
RW
JESD204B serial scrambler mode.
0: JESD204B scrambler disabled (SCR = 0).
1: JESD204B scrambler enabled (SCR = 1).
[6:5]
Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com