Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9655 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9655
Description  Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9655 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9655 Datasheet HTML 17Page - Analog Devices AD9655 Datasheet HTML 18Page - Analog Devices AD9655 Datasheet HTML 19Page - Analog Devices AD9655 Datasheet HTML 20Page - Analog Devices AD9655 Datasheet HTML 21Page - Analog Devices AD9655 Datasheet HTML 22Page - Analog Devices AD9655 Datasheet HTML 23Page - Analog Devices AD9655 Datasheet HTML 24Page - Analog Devices AD9655 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
AD9655
Data Sheet
An on-chip, common-mode dc voltage reference is included in
the design and is available from the VCM pin. The VCM pin
must be bypassed to ground by a 0.1 µF capacitor, as described
in the Applications Information section. VCM error vs. load
current is shown in Figure 48.
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (mA)
Figure 48. VCM Error vs. Load Current
Differential Input Configurations
There are several ways to drive the AD9655 either actively or
passively. However, optimum performance is achieved by
driving the analog inputs differentially. Using a differential
double balun configuration to drive the AD9655 provides
excellent performance and a flexible interface to the ADC for
baseband applications (see Figure 53).
For applications where SNR is a key parameter, differential
transformer coupling is the recommended input configuration (see
Figure 54) because the noise performance of most amplifiers is not
adequate to achieve the true performance of the AD9655.
Regardless of the configuration, the value of the shunt capacitor,
C, is dependent on the input frequency and may need to be
reduced or removed.
It is not recommended to drive the AD9655 inputs single-ended.
VOLTAGE REFERENCE
A stable and accurate 1.0 V to 1.4 V dc voltage reference is built
into the AD9655. Externally bypass the VREF pin to ground
with a low ESR, 1.0 μF capacitor in parallel with a low ESR,
0.1 μF ceramic capacitor.
Maximum SNR performance is achieved by setting the ADC to
the largest span in a differential configuration. In the case of the
AD9655, the largest input span available is 2.8 V p-p, which is
achieved by setting VREF to 1.4 V.
If the internal reference of the AD9655 is used to drive multiple
converters to improve gain matching, the loading of the reference
by the other converters must be considered. Figure 49 and
Figure 50 show how the internal reference voltage is affected by
loading. It is recommended that VREF not be used to drive the
reference voltage of other devices at 1.4 V. Figure 51 and
Figure 52 show the typical drift characteristics of the internal
reference.
The internal buffer generates the positive and negative full-scale
references for the ADC core. A digital reset using Register 0x08
must follow any programmatic change in internal analog VREF.
–60
–40
–50
–30
–20
–10
0
2.0
2.5
0
0.5
1.0
1.5
LOAD CURRENT (mA)
INTERNAL VREF = 1V
Figure 49. VREF Error vs. Load Current, VREF = 1.0 V
–70
–60
–40
–50
–30
–20
–10
0
2.0
2.5
0
0.5
1.0
1.5
LOAD CURRENT (mA)
INTERNAL VREF = 1.4V
Figure 50. VREF Error vs. Load Current, VREF = 1.4 V
–0.006
–0.008
–0.002
–0.004
0
0.002
0.004
40
60
80
–40
–20
0
20
TEMPERATURE (°C)
INTERNAL VREF = 1V
Figure 51. Typical VREF Drift, VREF = 1.0 V
Rev. 0 | Page 20 of 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com