Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9680 Datasheet(PDF) 89 Page - Analog Devices

Part # AD9680
Description  Dual Analog-to-Digital Converter
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9680 Datasheet HTML 85Page - Analog Devices AD9680 Datasheet HTML 86Page - Analog Devices AD9680 Datasheet HTML 87Page - Analog Devices AD9680 Datasheet HTML 88Page - Analog Devices AD9680 Datasheet HTML 89Page - Analog Devices AD9680 Datasheet HTML 90Page - Analog Devices AD9680 Datasheet HTML 91Page - Analog Devices AD9680 Datasheet HTML 92Page - Analog Devices AD9680 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 99 page
background image
Data Sheet
AD9680
Rev. C | Page 87 of 97
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x245
Fast detect
(FD) control
(local)
0
0
0
0
Force
FD_A/
FD_B pins;
0 = normal
function;
1 = force
to value
Force value of
FD_A/FD_B
pins if force
pins is true,
this value is
output on FD
pins
0
Enable
fast detect
output
0x00
0x247
FD upper
threshold
LSB (local)
Fast detect upper threshold, Bits[7:0]
0x00
0x248
FD upper
threshold
MSB (local)
0
0
0
Fast detect upper threshold, Bits[12:8]
0x00
0x249
FD lower
threshold
LSB (local)
Fast detect lower threshold, Bits[7:0]
0x00
0x24A
FD lower
threshold
MSB (local)
0
0
0
Fast detect lower threshold, Bits[12:8]
0x00
0x24B
FD dwell
time LSB
(local)
Fast detect dwell time, Bits[7:0]
0x00
0x24C
FD dwell
time MSB
(local)
Fast detect dwell time, Bits[15:8]
0x00
0x26F
Signal
monitor
synchroniza-
tion control
0
0
0
0
0
0
Synchronization mode
00 = disabled
01 = continuous
11 = one shot
0x00
Refer to
the
Signal
Monitor
section
0x270
Signal
monitor
control (local)
0
0
0
0
0
0
Peak
detector
0 =
disabled
1 =
enabled
0
0x00
0x271
Signal
Monitor
Period
Register 0
(local)
Signal monitor period, Bits[7:0]
0x80
In deci-
mated
output
clock
cycles
0x272
Signal
Monitor
Period
Register 1
(local)
Signal monitor period, Bits[15:8]
0x00
In deci-
mated
output
clock
cycles
0x273
Signal
Monitor
Period
Register 2
(local)
Signal monitor period, Bits[23:16]
0x00
In deci-
mated
output
clock
cycles
0x274
Signal
monitor
result control
(local)
0
0
0
Result
update
1 =
update
results
(self clear)
0
0
0
Result
selection
0 =
reserved
1 = peak
detector
0x01
0x275
Signal
Monitor
Result
Register 0
(local)
Signal monitor result, Bits[7:0]
When Register 0x0274[0] = 1, Result Bits[19:7] = Peak Detector Absolute Value[12:0]; Result Bits[6:0] = 0
Read
only
Updated
based on
Reg.
0x274[4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com