Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9690 Datasheet(PDF) 66 Page - Analog Devices

Part # AD9690
Description  Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9690 Datasheet HTML 62Page - Analog Devices AD9690 Datasheet HTML 63Page - Analog Devices AD9690 Datasheet HTML 64Page - Analog Devices AD9690 Datasheet HTML 65Page - Analog Devices AD9690 Datasheet HTML 66Page - Analog Devices AD9690 Datasheet HTML 67Page - Analog Devices AD9690 Datasheet HTML 68Page - Analog Devices AD9690 Datasheet HTML 69Page - Analog Devices AD9690 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 79 page
background image
Data Sheet
AD9690
Rev. B | Page 65 of 78
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit
locations. The memory map is divided into four sections: the
Analog Devices SPI registers (Register 0x000 to Register 0x00D),
the analog input buffer control registers, the ADC function
registers, the DDC function registers, and the digital outputs
and test modes registers.
Table 36 (see the Memory Map Register Table section) documents
the default hexadecimal value for each hexadecimal address shown.
The column with the heading Bit 7 (MSB) is the start of the
default hexadecimal value given. For example, Address 0x561,
the output mode register, has a hexadecimal default value of
0x01, which means that Bit 0 = 1, and the remaining bits are 0s.
This setting is the default output format value, which is twos
complement. For more information on this function and others,
see the Table 36.
Open and Reserved Locations
All address and bit locations that are not included in Table 36
are not currently supported for this device. Write unused bits of
a valid address location with 0s unless the default value is set
otherwise.
Writing to these locations is required only when part of an
address location is unassigned (for example, Address 0x561). If the
entire address location is open (for example, Address 0x13), do not
write to this address location.
Default Values
After the AD9690 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register table, Table 36.
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
•
X denotes a don’t care bit.
SPI Soft Reset
After issuing a soft reset by programming 0x81 to Register 0x000,
the AD9690 requires 5 ms to recover. When programming the
AD9690 for application setup, ensure that an adequate delay is
programmed into the firmware after asserting the soft reset and
before starting the device setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com