Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9625-2.6EB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9625-2.6EB
Description  1.3 V/2.5 V Analog-to-Digital Converter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625-2.6EB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9625-2.6EB Datasheet HTML 9Page - Analog Devices AD9625-2.6EB Datasheet HTML 10Page - Analog Devices AD9625-2.6EB Datasheet HTML 11Page - Analog Devices AD9625-2.6EB Datasheet HTML 12Page - Analog Devices AD9625-2.6EB Datasheet HTML 13Page - Analog Devices AD9625-2.6EB Datasheet HTML 14Page - Analog Devices AD9625-2.6EB Datasheet HTML 15Page - Analog Devices AD9625-2.6EB Datasheet HTML 16Page - Analog Devices AD9625-2.6EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
Data Sheet
AD9625
Rev. C | Page 11 of 72
Table 8. Pin Function Descriptions (By Pin Number)
Pin No.
Mnemonic
Type
Description
A1 to A3
AGND
Ground
ADC Analog Ground. These pins connect to the analog ground plane.
A4
AVDD1
Power
ADC Analog Power Supply (1.30 V).
A5
AGND
Ground
ADC Analog Ground. This pin connects to the analog ground plane.
A6
AVDD2
Power
ADC Analog Power Supply (2.50 V).
A7
VCM
Output
Analog Input, Common Mode (0.525 V).
A8
AGND
Ground
ADC Analog Ground. This pin connects to the analog ground plane.
A9
VIN+
Input
Differential Analog Input, True.
A10
VIN−
Input
Differential Analog Input, Complement.
A11
AGND
Ground
ADC Analog Ground. This pin connects to the analog ground plane.
A12
VM_BYP
Input
Voltage Bypass.
A13
AVDD2
Power
ADC Analog Power Supply (2.50 V).
A14
AVDD2
Power
ADC Analog Power Supply (2.50 V).
B1 to B4
AGND
Ground
ADC Analog Ground. These pins connect to the analog ground plane.
B5
AVDD1
Power
ADC Analog Power Supply (1.30 V).
B6
AGND
Ground
ADC Analog Ground. This pin connects to the analog ground plane.
B7
AVDD2
Power
ADC Analog Power Supply (2.50 V).
B8 to B11
AGND
Ground
ADC Analog Ground. These pins connect to the analog ground plane.
B12
AVDD2
Power
ADC Analog Power Supply (2.50 V).
B13, B14
AGND
Ground
ADC Analog Ground. These pins connect to the analog ground plane.
C1 to C5
AGND
Ground
ADC Analog Ground. These pins connect to the analog ground plane.
C6
AVDD1
Power
ADC Analog Power Supply (1.30 V).
C7
AGND
Ground
ADC Analog Ground. This pin connects to the analog ground plane.
C8
AVDD2
Power
ADC Analog Power Supply (2.50 V).
C9, C10
AGND
Ground
ADC Analog Ground. These pins connect to the analog ground plane.
C11
AVDD2
Power
ADC Analog Power Supply (2.50 V).
C12, C13
AGND
Ground
ADC Analog Ground. These pins connect to the analog ground plane.
C14
AVDD1
Power
ADC Analog Power Supply (1.30 V).
D1 to D3
DVDD1
Power
ADC Digital Power Supply (1.30 V).
D4
DNC
N/A1
Do Not Connect. Do not connect to this pin. Leave this pin floating.
D5, D6
AGND
Ground
ADC Analog Ground. These pins connect to the analog ground plane.
D7
AVDD1
Power
ADC Analog Power Supply (1.30 V).
D8
AVDD2
Power
ADC Analog Power Supply (2.50 V).
D9, D10
AGND
Ground
ADC Analog Ground. These pins connect to the analog ground plane.
D11
AVDD2
Power
ADC Analog Power Supply (2.50 V).
D12 to D14
AVDD1
Power
ADC Analog Power Supply (1.30 V).
E1 to E3
DGND
Ground
Digital Control Ground Supply. These pins connect to the digital ground plane.
E4
DVDD2
Power
ADC Digital Power Supply (2.5 V).
E5
VMON
Output
CTAT Voltage Monitor Output.
E6
AGND
Ground
ADC Analog Ground. This pin connects to the analog ground plane.
E7
AVDD1
Power
ADC Analog Power Supply (1.30 V).
E8
AVDD2
Power
ADC Analog Power Supply (2.50 V).
E9, E10
AGND
Ground
ADC Analog Ground. These pins connect to the analog ground plane.
E11
AVDD2
Power
ADC Analog Power Supply (2.50 V).
E12
AVDD1
Power
ADC Analog Power Supply (1.30 V).
E13, E14
AGND
Ground
ADC Analog Ground. These pins connect to the analog ground plane.
F1 to F3
DVDD1
Power
ADC Digital Power Supply (1.30 V).
F4
SPI_VDDIO
Power
SPI Digital Power Supply (2.50 V).
F5
DVDDIO
Power
Digital I/O Power Supply (2.50 V).
F6
AGND
Ground
ADC Analog Ground. This pin connects to the analog ground plane.
F7
AVDD1
Power
ADC Analog Power Supply (1.30 V).
F8
AVDD2
Power
ADC Analog Power Supply (2.50 V).
F9, F10
AGND
Ground
ADC Analog Ground. These pins connect to the analog ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com