Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-60000-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-60000-C1-R0
Description  Designed for high performance in low air velocities
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-60000-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-60000-C1-R0_17 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev - 040517
BGA Heat Sink - High Performance
Ultra Low Profile
*Image above is for illustration purpose only.
ATS Part#:
ATS-60000-C1-R0
Description:
25.20 x 25.20 x 4.00 mm BGA Heat Sink - High Performance Ultra Low Profile
Heat Sink Type:
Ultra Low profile
Heat Sink Attachment:
Thermal Tape
Equivalent Part Number:
ATS-60000-C2-R0
Features & Benefits
blueICE™ heat sinks feature an ultra low profile for tough-to-cool applications
Designed for high performance in low air velocities
Ideal for telecommunications applications where space is limited
Comes preassembled with high performance thermal interface material
Thermal Performance
AIR VELOCITY
@200 LFM
1.0 M/S
@300 LFM
1.5 M/S
@400 LFM
2.0 M/S
@500 LFM
2.5 M/S
@600 LFM
3.0 M/S
@700 LFM
3.5 M/S
@800 LFM
4.0 M/S
THERMAL RESISTANCE
Unducted Flow
14.8 °C/W
11.6 °C/W
9.6 °C/W
8 °C/W
6.9 °C/W
5.9 °C/W
5.3 °C/W
Ducted Flow
7.8
N/A
N/A
N/A
N/A
N/A
N/A
Product Detail
Schematic Image
Dimension A
Dimension B
Dimension C
Dimension D
TIM
Finish
*Image above is for illustration purpose only.
25.20 mm
25.20 mm
4.00 mm
34.8 mm
T412
BLUE-ANODIZED
Notes:
Dimension A and B refer to component size.
Dimension C is the heat sink height from the bottom of the base to the top of the fin field.
ATS-60000-C2-R0 is the exact heat sink assembly with an equivalent thermal interface material
(Saint-Gobain C675).
Thermal performance data are provided for reference only. Actual performance may vary by
application.
ATS reserves the right to update or change its products without notice to improve the design or
performance.
ATS certifies that this heat sink assembly is RoHS-6 and REACH compliant.
Contact ATS to learn about custom options available.
For more information, to find a distributor or to place an order, please contact us at
781-769-2800 (North America), sales@qats.com or www.qats.com.
© 2013 Advanced Thermal Solutions, Inc. | 89-27 Access Road | Norwood MA | 02062 | USA


Similar Part No. - ATS-60000-C1-R0_17

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-60000-C1-R0 ATS-ATS-60000-C1-R0 Datasheet
978Kb / 1P
maxiFLOW™ Heat Sink, T412, BLUE-ANODIZED, 25MM COMP
Rev - 121101
More results

Similar Description - ATS-60000-C1-R0_17

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C72P9 SAMSUNG-S3C72P9 Datasheet
1Mb / 225P
SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
logo
Macronix International
MX10F201FC MCNIX-MX10F201FC Datasheet
244Kb / 47P
High-Performance and Low Power Microcontroller designed for Use Many Applications
logo
List of Unclassifed Man...
SLD2083CZ ETC1-SLD2083CZ Datasheet
129Kb / 5P
10 Watt high performance LDMOS transistor designed for operation to 2700MHz
logo
Advanced Crystal Techno...
ACTF139 ACT-ACTF139 Datasheet
141Kb / 4P
Designed for use in pager applications
SEPT 04
logo
Vincotech
A1088-A VINCOTECH-A1088-A Datasheet
232Kb / 2P
Designed for reliability at excellent GPS performance
logo
EUROQUARTZ limited
CX4 EUROQUARTZ-CX4 Datasheet
148Kb / 2P
Designed for low power applications
CX6SM EUROQUARTZ-CX6SM Datasheet
149Kb / 2P
Designed for low power applications
logo
Advanced Thermal Soluti...
ATS-60001-C1-R0 ATS-ATS-60001-C1-R0_17 Datasheet
302Kb / 1P
Designed for high performance in low air velocities
Rev - 040517
logo
Mechatronics, Inc.
F1238-H MECHATRONICS-F1238-H Datasheet
350Kb / 1P
high performance impeller for maximum air flow
logo
Linx Technologies
ANT-ELE-S01-006 LINX-ANT-ELE-S01-006 Datasheet
433Kb / 2P
These low-cost, high-performance elements are designed for use with MAG Series magnetic bases.
11/18/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com