Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-61450D-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-61450D-C1-R0
Description  X-Cut straight fin heat sink fins offer omnidirectional air flow
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-61450D-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-61450D-C1-R0_17 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E
F
REV4_0516
*Images above is for illustration purposes only.
For more information, to find a distributor or to place an order,
visit www.qats.com or call 781.769.2800
Suggested Fan Details
Heat Sink Details
DIMENSIONS
PART #
DISTRIBUTOR
VOLTAGE
THERMAL RESISTANCE
45 x 45 x 10 mm
KD0545PFS1
DIGI-KEY
5V
1.29 °C/W
45 x 45 x 10 mm
KD1245PFS1
DIGI-KEY
12V
1.29 °C/W
ATS fanSINK™ with
maxiGRIP™ Attachment
ATS PART # ATS-61450D-C1-R0
Features & Benefits
« X-Cut straight fin heat sink fins offer omnidirectional air flow for
optimum thermal performance independent of PCB lay-out
« Stainless steel screw fan attachment ensures dependable long-term
fan to heat sink assembly. 4-40 thread screws are supplied in 4 lengths
(1/2", 3/4", 7/8", 1"). Contact ATS for custom options available.
« Product hole pattern is 37 mm C-C (center to center)
« Component Attachment: ATS maxiGRIP™ is a proven high reliability
mechanical attachment system
« Meets Telecordia GR-63-Core Office Vibration; ETSI 300 019
Transportation Vibration; and MIL-STD-810 Shock Testing and
Unpackaged Drop Testing Standards
« maxiGRIP™hardware includes a high performance plastic frame clip
and 300 Series stainless steel spring clip- avoiding PCB through holes
« Provided with pre-assembled Thermal Interface Material (TIM)
centered on base
« “Keep-Out” Requirements: An “Un-Populated” boarder zone of
5 mm around the component is necessary to facilitate the installation/
removal of the maxiGRIP™. Please refer to the maxiGRIP™ Keep-Out
Guidelines and Installation/Removal Instructions for further details
FAN NOT INCLUDED
Fan type is specific to individual customer requirements and needs
to be independently sourced.
DIM A
DIM B
DIM C
DIM D
DIM E
DIM F INTERFACE MATERIAL
FINISH
ATTACHMENT
FAN
45 mm
45 mm 9.5 mm 32 x 32 mm 37 mm
37 mm
Chomerics T412
Blk Anodized
maxiGRIP™
Customer Supplied
NOTES:
1)
Fan not included. Fan type is specific to individual customer requirements and needs to be
independently sourced.
2)
Dimension A and B refers to component size.
3)
Dimension C refers to the heat sink height from bottom of the base to the top of the fin field.
4)
Dimension D refers to the size of thermal interface material (TIM) applied to heat sink.
5)
Dimension E and F refers to hole spacing dimensions.
6)
Thermal data reference only. Actual performance may vary by application.
7)
ATS reserves the right to update or change its products without notice.
8)
Optional maxiGRIP™ Installation/Removal Tool Set P/N: MGT450
9)
Contact ATS to learn about custom options available.


Similar Part No. - ATS-61450D-C1-R0_17

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-61450D-C1-R0 ATS-ATS-61450D-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
More results

Similar Description - ATS-61450D-C1-R0_17

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61310D-C1-R0 ATS-ATS-61310D-C1-R0_17 Datasheet
303Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61310R-C1-R0 ATS-ATS-61310R-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375W-C1-R0 ATS-ATS-61375W-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61425K-C1-R0 ATS-ATS-61425K-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61425W-C1-R0 ATS-ATS-61425W-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com