Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2621 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC2621
Description  Micropower CMOS Output Hall Effect Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC2621 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC2621 Datasheet HTML 1Page - E-CMOS Corporation EC2621 Datasheet HTML 2Page - E-CMOS Corporation EC2621 Datasheet HTML 3Page - E-CMOS Corporation EC2621 Datasheet HTML 4Page - E-CMOS Corporation EC2621 Datasheet HTML 5Page - E-CMOS Corporation EC2621 Datasheet HTML 6Page - E-CMOS Corporation EC2621 Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EC2621
Micropower CMOS Output Hall Effect Switch
E-CMOS Corp. (www.ecmos.com.tw))
Page 2 of 7
5F08N-Rev. F006
Ordering Information
EC2621 NN XX G R
Pin Assignment
Pin Definitions
Pin No.
Symbol
Description
1
VDD
Power Supply Input
2
OUT
Output Pin.
3
GND
Ground Pin
Type
Part No.
Marking
Marking Information
TSOT23-3L
EC2621NNT1GR
2621
LLLL
LLLL:Lot No
SOT553
EC2621NNBCGR
21YW
YW:Date Code
QFN2x2-3L
EC2621NNQ1GR
21
YW
YW:Date Code
TO92-3L
EC2621NNA6GR
2621
LLLL
LLLL:Lot No
R:Tape & Reel
G:Green package
Package code:
T1:TSOT23-3L
BC:SOT553
Q1:QFN(2×2)-3L
A6:TO92-3L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com