Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3111VVB2R Datasheet(PDF) 12 Page - E-CMOS Corporation

Part # EC3111VVB2R
Description  300mA High-PSRR Low Dropout Voltage Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3111VVB2R Datasheet(HTML) 12 Page - E-CMOS Corporation

Back Button EC3111VVB2R Datasheet HTML 8Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 9Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 10Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 11Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 12Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 13Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 14Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 15Page - E-CMOS Corporation EC3111VVB2R Datasheet HTML 16Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 12 of 15
5L14N-Rev.F009
300mA High-PSRR Low Dropout Voltage
Linear Regulators
EC3111
OUTLINE DRAWING SOT89-3L
SYMBOLS
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCH
MIN
NOM
MAX
MIN
NOM
MAX
A
1.40
1.50
1.60
0.055
0.059
0.063
b
0.32
0.42
0.52
0.012
0.016
0.020
b1
0.40
0.49
0.58
0.016
0.019
0.023
c
0.35
---
0.46
0.013
---
0.018
D
4.30
4.50
4.70
0.16
0.17
0.18
D1
1.35
---
1.83
0.053
---
0.072
E
2.30
2.50
2.70
0.090
0.098
0.106
E1
3.90
4.15
4.40
0.153
0.163
0.173
e
1.35
1.50
1.65
0.053
0.059
0.064
e1
2.85
---
3.15
0.112
---
0.124
L
0.89
---
1.20
0.035
---
0.047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com