Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3111VVT2R Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC3111VVT2R
Description  300mA High-PSRR Low Dropout Voltage Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3111VVT2R Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC3111VVT2R Datasheet HTML 1Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 2Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 3Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 4Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 5Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 6Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 7Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 8Page - E-CMOS Corporation EC3111VVT2R Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 15
5L14N-Rev.F009
EC3111
300mA High-PSRR Low Dropout Voltage
Linear Regulators
Absolute Maximum Ratings (Note1)
Enable Voltage (VEN):
6.5V
Power Input Voltage (VIN):
6.5V
Maximum Junction Temperature(TJ):
125°C
Storage Temperature Range(TSTG):
-65℃ to 150℃
ESD Susceptibility(Note 2):
HBM (Human Body Mode):
2KV
MM (Machine Mode):
200V
Thermal Information:
Thermal Resistance(Note 3)
Junction to Ambient(θJA)
SOT23-3L
357°C/W
SOT23-5L/TSOT23-5L
333°C/W
SOT89-3L
175℃/W
SC70-4L
500℃/W
SC70-5L
330℃/W
DFN3x3-6L
70℃/W
Power Dissipation, PD @ TA=25°C (Note 4)
SOT23-3L
280mW
SOT23-5L/TSOT23-5L
300mW
SOT89-3L
571mW
SC70-4L
200mW
SC70-5L
303mW
DFN3x3-6L
1429mW
Recommended Operating Conditions(Note 5)
Operating Junction Temperature Range(TJ):
-40℃ to +125℃
Operating Ambient Temperature Range(TOPA):
-40℃ to +85℃
Enable Voltage(VEN):
-0.3V to VIN
Power Input Voltage(VIN):
+6V
Note 1:Stresses listed as the above
“Absolute Maximum Ratings” may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may remain possibility to affect device reliability.
Note 2:Devices are ESD sensitive. Handling precaution recommended.
Note 3:Thermal Resistance is specified with approximately 1 square of 1 oz copper.
Note 4:Thermal Resistance is specified with the component mounted on a low effective thermal conductivity test
board in free air at TA=25°C.
Note 5:The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com