Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3111VVC5R Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC3111VVC5R
Description  300mA High-PSRR Low Dropout Voltage Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3111VVC5R Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC3111VVC5R Datasheet HTML 1Page - E-CMOS Corporation EC3111VVC5R Datasheet HTML 2Page - E-CMOS Corporation EC3111VVC5R Datasheet HTML 3Page - E-CMOS Corporation EC3111VVC5R Datasheet HTML 4Page - E-CMOS Corporation EC3111VVC5R Datasheet HTML 5Page - E-CMOS Corporation EC3111VVC5R Datasheet HTML 6Page - E-CMOS Corporation EC3111VVC5R Datasheet HTML 7Page - E-CMOS Corporation EC3111VVC5R Datasheet HTML 8Page - E-CMOS Corporation EC3111VVC5R Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 15
5L14N-Rev.F009
EC3111
300mA High-PSRR Low Dropout Voltage
Linear Regulators
EC3111 XX XX X X
Marking Information
Device
Marking
Information
Package
Type
Remarks
EC3111VVB1R
3111
VVYW
SOT23-3L
1.
VV:Output Voltage(Ex:11:1.1V;12:1.2V;15:1.5V)
2.
Y:Year code(D=2013;E=2014;F=2015…)
3.
W :Week Code(The big character of A~Z is for the week of
1~26, and small a~z is for the week of 27~52.)
4.
A:Pin Type A
5.
B:Pin Type B
6.
1:Pin type 1
EC3111VVB2R
3111
VVYW
SOT23-5L
EC3111VVB2R1
3111
VVWW1
SOT23-5L
(Pin type 1)
EC3111VVT2R
3111
VVYW
TSOT23-5L
EC3111VVFNR
3111
VVYW
DFN3x3-6L
EC3111VVB6RA
3111
VVYWA
SOT89-3L
(Pin Type A)
EC3111VVB6RB
3111
VVYWB
SOT89-3L
(Pin Type B)
EC3111VVC4R
1VVf
SC70-4L
1.
VV:Output Voltage(Ex:11:1.1V;12:1.2V;36:3.6V)
2.
Starting with underlined first-V, a bar is for production year
2012. The next bar is mark on top of second-V is for year
2013. The next bar is mark on bottom of second-V is for
year 2014.The next bar is mark on top of f is year for
2015. The naming pattern continues with consecutive
characters for later years.
3.
f is the week of production. The big character of A~Z is for
the week of 1~26, and small a~z is for the week of 27~52.
EC3111VVC5R
1VVf
SC70-5L
Ordering Information
Output Voltage:
11=1.1 V
12=1.2 V
15=1.5 V
18=1.8 V
25=2.5 V
30=3.0 V
33=3.3 V
Blank:Normal
1:Pin Type 1(SOT23-5L)
A:Pin Type A(SOT89 3L)
B:Pin Type B(SOT89 3L)
R:Tape & Reel
Package Type:
B1:SOT23-3L
B2:SOT23-5L
T2:TSOT23-5L
B6:SOT89-3L
C4:SC70-4L
C5:SC70-5L
FN:DFN 3×3-6L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com