Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-1144-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-1144-C1-R0
Description  Hole pattern fits standard half power brick modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-1144-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-1144-C1-R0_17 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For further technical information, please contact Advanced Thermal Solutions, Inc.
89-27 ACCESS ROAD, NORWOOD, MA 02062 USA | T: 781.769. 2800 F: 781.769.9979 | WWW.QATS.COM
Product Details
ATS PART # ATS-1144-C1-R0
Features & Benefits
maxiFLOWTM Heat Sink for
Half Brick DC-DC Converter
REV4_0117
» High performance maxiFLOWTM design features less
pressure drop and more surface area that maximizes
the effective convection (air) cooling
» Hole pattern fits standard half power brick modules
» Pre-assembled with Chomerics T766 phase change
material
» Heat sink assembly packaged with 3 sets of screws
(M3 Philips Pan Head) at 5, 6 and 8 mm lengths
Thermal Performance
*Image is for illustration purposes only.
AIR VELOCITY
THERMAL RESISTANCE
FT/MIN
M/S
°C/W (UNDUCTED FLOW)
°C/W (DUCTED FLOW)
200
1.0
3.9
1.2
300
1.5
2.2
400
2.0
1.6
500
2.5
1.3
600
3.0
1.1
700
3.5
1.0
800
4.0
0.9
Assembly Part Number
Length (mm)
4 Screws per Set
ATS-1144-C2-R0
5
ATS-1144-C3-R0
6
ATS-1144-C4-R0
8
DIMENSION
A
DIMENSION
B
DIMENSION
C
DIMENSION
D
DIMENSION
E
DIMENSION
F
INTERFACE
MATERIAL
FINISH
59.0 mm
61.0 mm
11.4 mm
64.2 mm
50.8 mm
48.3 mm
CHOMERICS
T766
GOLD
ANODIZED
NOTES:
1)
Thermal performance data are provided for reference only. Actual performance may vary
by application.
2)
ATS reserves the right to update or change its products without notice to improve the
design or performance.
3)
Standard lead time is 4-6 weeks ARO.
4)
Contact ATS to learn about custom options available.
5)
Dimension C = heat sink height from bottom of the base to the top of the fin field.
6)
Dimension D = Fin Tip to Fin Tip
7)
Dimension E = Hole Width
8)
Dimension F = Hole Length


Similar Part No. - ATS-1144-C1-R0_17

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-1144-C1-R0 ATS-ATS-1144-C1-R0 Datasheet
401Kb / 1P
Heat Sink for Half Brick DC-DC Converter
REV2_0114
More results

Similar Description - ATS-1144-C1-R0_17

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-1108-C1-R0 ATS-ATS-1108-C1-R0_17 Datasheet
333Kb / 1P
Hole pattern fits standard full power brick modules
REV4_0117
ATS-1141-C1-R0 ATS-ATS-1141-C1-R0_17 Datasheet
337Kb / 1P
Hole pattern fits standard quarter power brick modules
REV4_0117
ATS-1143-C1-R0 ATS-ATS-1143-C1-R0_17 Datasheet
337Kb / 1P
Hole pattern fits standard half power brick modules
REV4_0117
ATS-1146-C1-R0 ATS-ATS-1146-C1-R0_17 Datasheet
350Kb / 1P
Hole pattern fits standard half power brick modules
REV4_0117
ATS-1148-C1-R0 ATS-ATS-1148-C1-R0_17 Datasheet
328Kb / 1P
Hole pattern fits standard full power brick modules
REV4_0117
ATS-1151-C1-R0 ATS-ATS-1151-C1-R0_17 Datasheet
448Kb / 1P
Hole pattern fits standard full power brick modules
REV4_0117
ATS-1178-C1-R0 ATS-ATS-1178-C1-R0_17 Datasheet
313Kb / 1P
Hole pattern fits standard full power brick modules
REV4_0117
ATS-1179-C1-R0 ATS-ATS-1179-C1-R0_17 Datasheet
321Kb / 1P
Hole pattern fits standard full power brick modules
REV4_0117
ATS-1184-C1-R0 ATS-ATS-1184-C1-R0_17 Datasheet
323Kb / 1P
Hole pattern fits standard full power brick modules
REV4_0117
ATS-1186-C1-R0 ATS-ATS-1186-C1-R0_17 Datasheet
324Kb / 1P
Hole pattern fits standard full power brick modules
REV4_0117
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com