Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB4350 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PB4350
Description  50 V low VCEsat NPN transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PB4350 Datasheet(HTML) 4 Page - NXP Semiconductors

  PB4350 Datasheet HTML 1Page - NXP Semiconductors PB4350 Datasheet HTML 2Page - NXP Semiconductors PB4350 Datasheet HTML 3Page - NXP Semiconductors PB4350 Datasheet HTML 4Page - NXP Semiconductors PB4350 Datasheet HTML 5Page - NXP Semiconductors PB4350 Datasheet HTML 6Page - NXP Semiconductors PB4350 Datasheet HTML 7Page - NXP Semiconductors PB4350 Datasheet HTML 8Page - NXP Semiconductors PB4350 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2003 May 13
4
Philips Semiconductors
Product specification
50 V low VCEsat NPN transistor
PBSS4350Z
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = 50 V; IE =0
−−
100
nA
VCB = 50 V; IE = 0; Tj = 150 °C
−−
50
µA
IEBO
emitter-base cut-off current
VEB =5V; IC =0
−−
100
nA
hFE
DC current gain
VCE =2V; IC = 500 mA
200
−−
VCE =2V; IC = 1 A; note 1
200
−−
VCE =2V; IC = 2 A; note 1
100
−−
VCEsat
collector-emitter saturation
voltage
IC = 500 mA; IB =50mA
−−
90
mV
IC = 1 A; IB =50mA
−−
170
mV
IC = 2 A; IB = 200 mA; note 1
−−
290
mV
RCEsat
equivalent on-resistance
IC = 2 A; IB = 200 mA; note 1
−
110
<145
m
Ω
VBEsat
base-emitter saturation voltage
IC = 2 A; IB = 200 mA; note 1
−−
1.2
V
VBEon
base-emitter turn-on voltage
VCE =2V; IC = 1 A; note 1
−−
1.1
V
fT
transition frequency
IC = 100 mA; VCE = 5 V; f = 100 MHz 100
−−
MHz
Cc
collector capacitance
VCB = 10 V; IE =Ie = 0; f = 1 MHz
−−
30
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com