Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC107A Datasheet(PDF) 13 Page - ATMEL Corporation

Part # PC107A
Description  PCI Bridge Memory Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC107A Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button PC107A Datasheet HTML 9Page - ATMEL Corporation PC107A Datasheet HTML 10Page - ATMEL Corporation PC107A Datasheet HTML 11Page - ATMEL Corporation PC107A Datasheet HTML 12Page - ATMEL Corporation PC107A Datasheet HTML 13Page - ATMEL Corporation PC107A Datasheet HTML 14Page - ATMEL Corporation PC107A Datasheet HTML 15Page - ATMEL Corporation PC107A Datasheet HTML 16Page - ATMEL Corporation PC107A Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
13
PC107A [Preliminary]
2137C–HIREL–03/04
Figure 3 shows the supply voltage sequencing and separation cautions.
Figure 3. Supply Voltage Sequencing and Separation Cautions
Notes:
1. Numbers associated with waveform separations correspond to caution numbers listed in Table 3, “Recommended Operating
Conditions,” on page 12.
2. Refer to “Power Supply Voltage Sequencing” on page 42 for additional information.
3. Refer to Table 10 on page 25 for additional information on PLL Relock and reset signal assertion timing requirements.
4. Refer to Table 11 on page 26 for additional information on reset configuration pin setup timing requirements.
5. HRESET must transition from a logic 0 to a logic 1 in less than one SDRAM_SYNC_IN clock cycle for the device to be in the
non-reset state.
6. HRESET_CPU negates 217 memory clock cycles after HRESET negates.
OVDD/BVDD/GVDD(LVDD at 3.3V ----)
VDD/AVDD/LAVDD
LVDD at 5V
Time
3.3V
5V
2.5V
0
6
9
8
8
9
5.7
Voltage
Regulator
Delay(2)
Reset
Configuration Pins
HRESET
asserted 255
external memory
Clock cycles(3)
9 external memory
clock cycles setup time(4)
HRESET_CPU
HRESET
Vdd Stable
See Note 1 below.
VM = 1.4V
VM = 1.4V
Maximum rise time must be less than
one external memory clock cycle(5)
100
µs
PLL
Relock
Time(3)
Power Supply Ramp Up(2)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com