Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87435 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87435
Description  PC87435 Enhanced IPMI Baseboard Management Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87435 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87435 Datasheet HTML 1Page - National Semiconductor (TI) PC87435 Datasheet HTML 2Page - National Semiconductor (TI) PC87435 Datasheet HTML 3Page - National Semiconductor (TI) PC87435 Datasheet HTML 4Page - National Semiconductor (TI) PC87435 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2003 National Semiconductor Corporation
www.national.com
April 2003
Revision 1.01
PC87435 Enhanced IPMI Baseboard Management Controller
General Description
The National SemiconductorPC87435 is a highly-
integrated Enhanced IPMI Baseboard Management Controller
(BMC), or satellite management controller, with an embed-
ded RISC core and advanced functions. It is targeted for a
wide range of host-independent controlled platforms such
as servers and desktops.
The PC87435 incorporates National’s CompactRISC®
CR16B core (a high-performance 16-bit RISC processor),
on-chip flash and RAM memories, system support func-
tions, Low Pin Count (LPC) host interface and a Bus Inter-
face Unit (BIU) that directly interfaces with optional
expansion memory and I/O devices.
System support functions include: two SMBus® channels;
high-accuracy analog-to-digital (ADC) for system control,
system health monitoring and analog controls, USART for
ICMB extension, Watchdog and other timers; interrupt con-
trol and general-purpose I/O (GPIO).
The PC87435 interfaces with the host via an LPC bus that
provides three interface channels, with peripherals and IPMI
devices via two independent SMBuses and with additional
memory and I/O ports via a private expansion bus.
The PC87435, like all members of National’s AdvancedI/O
family, is PC01 and ACPI compliant.
Outstanding Features
s
Intelligent Platform Management Interface (IPMI)-
optimized BMC
s
16-bit RISC core, with 2 Mbyte linear address space
and running at up to 20 MHz
s
On-chip flash and RAM
s
Host interface, based on Intel’s LPC Interface Specifi-
cation Revision 1.0, September 29th, 1997
s
Two SMBus interface modules (each module can be
master and slave)
s
USART for ICMB interface extension
s
System timers, PWM and ADC channels
s
84/108 GPIO ports with a variety of wake-up events
s
Random Number Generator for IPMI v1.5 authentication
s
Integrated RTC
s
Low current consumption
s
JTAG-based debugger interface
System Connection Diagram
PC87435
Baseboard
Management Controller
VBAT
NIC
x86 Boot
Blocks
NV
SRAM
PC16550
UART
IPMB
VSB VDD
32.768
SMI SCI
KHz
UART
GPIOs Wake-Up
VIN
Fan In
Fan Out
Temperature
Sensor
ICMB
South Bridge
PC87417
ServerI/O
RJ45
DS14185
XCVR
SEEPROM
LM87
LM85
Emergency
PCI
LPC
SERIRQ
SMBus 2
Management
Port
LM84
SMBus1
RS485
XCVR
ICMB
= Optional Component
Expansion Bus
CompactRISC is a trademark, and TRI-STATE and National Semiconductor are registered trademarks of National Semiconductor Corporation.
All other brand or product names are trademarks of their respective holders.


Similar Part No. - PC87435

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87431C NSC-PC87431C Datasheet
41Kb / 4P
mini-Baseboard Management Controller (mBMC)
PC87431M NSC-PC87431M Datasheet
41Kb / 4P
mini-Baseboard Management Controller (mBMC)
PC87431S NSC-PC87431S Datasheet
41Kb / 4P
mini-Baseboard Management Controller (mBMC)
More results

Similar Description - PC87435

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N972 SMSC-FDC37N972 Datasheet
1Mb / 390P
Advanced Notebook I/O Controller with Enhanced Keyboard Control and System Management
logo
National Semiconductor ...
PC87431C NSC-PC87431C Datasheet
41Kb / 4P
mini-Baseboard Management Controller (mBMC)
logo
Vitesse Semiconductor C...
VSC210 VITESSE-VSC210 Datasheet
32Kb / 2P
IPMI Baseboard Management Controller Product Brief
logo
List of Unclassifed Man...
SI3480 ETC2-SI3480 Datasheet
139Kb / 14P
POWER MANAGEMENT CONTROLLER
logo
Silicon Laboratories
SI3483 SILABS-SI3483 Datasheet
1Mb / 52P
POWER MANAGEMENT CONTROLLER
logo
Motorola, Inc
MC33128 MOTOROLA-MC33128 Datasheet
177Kb / 8P
POWER MANAGEMENT CONTROLLER
logo
Intersil Corporation
ISL6420BM INTERSIL-ISL6420BM Datasheet
77Kb / 3P
Enhanced Obsolescence Management
logo
Silicon Laboratories
SI3480 SILABS-SI3480 Datasheet
144Kb / 14P
POWER MANAGEMENT CONTROLLER
SI3482 SILABS-SI3482 Datasheet
391Kb / 38P
POWER MANAGEMENT CONTROLLER
logo
Advantech Co., Ltd.
IPMI-2000 ADVANTECH-IPMI-2000 Datasheet
3Mb / 3P
IPMI-2000 IPMI Module, AST2600 Chipset
August 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com