Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4501 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC4501
Description  White LED Set-up Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4501 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC4501 Datasheet HTML 1Page - E-CMOS Corporation EC4501 Datasheet HTML 2Page - E-CMOS Corporation EC4501 Datasheet HTML 3Page - E-CMOS Corporation EC4501 Datasheet HTML 4Page - E-CMOS Corporation EC4501 Datasheet HTML 5Page - E-CMOS Corporation EC4501 Datasheet HTML 6Page - E-CMOS Corporation EC4501 Datasheet HTML 7Page - E-CMOS Corporation EC4501 Datasheet HTML 8Page - E-CMOS Corporation EC4501 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
White LED Set-up Converter
EC4501
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 10
3F27N-Rev.P001
Pin Assignments
Pin Description
Pin Number
Pin Name
Description
1
SW
Power Switch Output. Connect the inductor and the blocking Schottky diode to SW.
2
GND
Ground
3
FB
Feedback input pin. The reference voltage at this pin is 104mV. Connect the cathode
of the lowest LED to FB and a current sense resistor between FB and GND.
4
EN
Enable pin. A high input at EN enables the device and a low input disables the
devices. When not used, connect EN to the input source for automatic startup.
5
OV
Over Voltage Input. OV measures the output voltage for open circuit protection.
Connect OV to the output at the top of the LED string.
6
IN
Input Supply Pin. Must be locally bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com