Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC120 Datasheet(PDF) 2 Page - Picker Components

Part # PC120
Description  100 Amp D.C. Power Contactor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC120 Datasheet(HTML) 2 Page - Picker Components

  PC120 Datasheet HTML 1Page - Picker Components PC120 Datasheet HTML 2Page - Picker Components PC120 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC120 Rev A 4/18/2106
2 of 3
PC120
PC120
COIL DATA
Coil Voltage
(VDC)
Coil Power (mW)
Operate Voltage (VDC)
Resistance (Ohms ± 10%)
Rated
Max
8.1 W Continuous
Intermittent
Continuous
6
6.9
4.0
4.02
4.5
12
13.2
16.0
8.04
9.0
14
15.4
23.0
9.38
10.5
15
16.5
26.0
10.05
11.25
24
26.4
64.0
16.08
18.0
36
39.6
160.0
24.12
27.0
48
52.8
256.0
32.16
36.0
*Special coils available upon request
DESIGN DATA
D.C.
Type
Coil Rating
Operation in % of
Nominal Coil Rating
Breakdown Voltages
All Terminals—60 Hz RMS
Contact
Material
Electrical Life
Mechanical life
Max
Ambient
°F
Nominal
Magnetic
Coil Rating
(Watts)
Pick-up
Max.
State
Operate
Opposite
Polarity
Open
Contacts
Same
Polarity
To
Ground
Power
Operations
at Rated
Load
Operations
per
Minute
Operations
at
No Load
Operations
per
Minute
120
8.1
75%
110%
500
500
500
Copper
10,000
2
100,000
30
150
Silver Alloy
50,000
2
100,000
30
Power (approximate)
Hardware Torque Specifications
— Continuous 8.1 Watts
— Contact Terminal*: 45 - 55 inch-lbs
— Coil Terminal*: 12 - 18 inch-lbs
Terminations
* Note: a back up wrench must be used to hold the bottom nut stationary
Standard:
— Contacts: 5/16 - 24 studs, 495” min Length
Temperature Range
— Coil: #10-32, 451” Min Length
— Continuous Duty: -20°F to 120°F
Optional:
— Contacts: 5/16 - 24 studs, 495” min Length
Recommended Mounting
— Coil: #10-32, 451” Min Length
— Coil Terminals Up or Horizontal



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com