Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC302 Datasheet(PDF) 2 Page - Picker Components

Part # PC302
Description  Microminiature 1 Amp Signal Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC302 Datasheet(HTML) 2 Page - Picker Components

  PC302_17 Datasheet HTML 1Page - Picker Components PC302_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC302 Rev F 1/06/2017
2 of 2
PC302
PC302
COIL DATA
Type
Coil Voltage
(VDC)
Coil Resistance
(Ohms ± 10 %)
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Coil Power
(W)
Rated
Max.
Single
Sided
Stable
(140 mW)
3
7.5
64.3
2.25
0.3
0.14
4.5
11.25
144.6
3.38
0.45
0.14
5
12.5
178
3.75
0.5
0.14
6
15.0
257
4.50
0.6
0.14
9
22.5
579
6.75
0.9
0.14
12
30.0
1028
9.00
1.2
0.14
24
48.0
2880
18.0
2.4
0.20
Single
Coil
Latching
(100 mW)
3
8.7
90
2.25
2.25#
0.10
4.5
13.0
202.5
3.38
3.38#
0.10
5
14.5
250
3.75
3.75#
0.10
6
17.4
360
4.50
4.50#
0.10
9
26.1
810
6.75
6.75#
0.10
12
34.8
1440
9.00
9.00#
0.10
24
57.6
3840
18.0
18.0#
0.15
3
6
45*
2.25
2.25#
0.20
Dual
Coil
Latching
(200 mW)
4.5
9
101*
3.38
3.38#
0.20
5
10
125*
3.75
3.75#
0.20
6
12
180*
4.50
4.50#
0.20
9
18
405*
6.75
6.75#
0.20
12
24
720*
9.00
9.00#
0.20
24
36
1920*
18.0
18.0#
0.30
*Set Coil Value and Reset Coil Value; #Reset (Max) Value
DIMENSIONS in Inches (mm)
PCB Mounting
(Top View)
Single Side Stable
Single Coil Latching
Dual Coil Latching
Wiring Diagrams
(Bottom View)
Front View
Side View
Relay
Terminal
(Bottom View)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com