Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC322 Datasheet(PDF) 2 Page - Picker Components

Part # PC322
Description  Subminiature PCB Signal Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC322 Datasheet(HTML) 2 Page - Picker Components

  PC322_17 Datasheet HTML 1Page - Picker Components PC322_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC322 Rev F 7/08/2016
2 of 2
PC322
PC322
COIL DATA
Coil Voltage
(VDC)
Coil Power
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Resistance ohms ± 10%
Rated
Max
.15 W
.20 W
.36 W
.51 W
3
3.9
60
45
25
2.25
.3
17.6
4.5
5.9
135
101
56
3.15
.45
39.7
5
6.5
166.7
125
70
3.50
.5
49
6
7.8
240
180
100
4.20
.6
70.6
9
11.7
NA
405
NA
6.75
.9
NA
12
15.6
960
720
400
8.40
1.2
282.4
24
31.2
3840
2880
1600
18.00
2.4
1129.4
48
62.4
NA
NA
NA
36.0
4.8
4517.6
DIMENSIONS Inches/mm
Wire Diagram
(2C)
Terminal Layout
(Bottom View)
Relay
PC Board Mounting
(Top View)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com