Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04070W Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04070W
Description  3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04070W Datasheet(HTML) 12 Page - Texas Instruments

Back Button PTH04070W Datasheet HTML 7Page - Texas Instruments PTH04070W Datasheet HTML 8Page - Texas Instruments PTH04070W Datasheet HTML 9Page - Texas Instruments PTH04070W Datasheet HTML 10Page - Texas Instruments PTH04070W Datasheet HTML 11Page - Texas Instruments PTH04070W Datasheet HTML 12Page - Texas Instruments PTH04070W Datasheet HTML 13Page - Texas Instruments PTH04070W Datasheet HTML 14Page - Texas Instruments PTH04070W Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
www.ti.com
Inhibit
GND
GND
RSET
0.05 W
1%
C1
Ceramic
C2
Ceramic
PTH04070W
2
4
3
1
5
VO Adj
GND
VO
VIN
47-
µF
47-
µF
VI = 5 V
VO = 1.8 V
Inhibit
BSS138
Q1
6.65 k
L
O
A
D
t − 5 ms/div
VO (1 V/div)
II (1 A/div)
Q1, Vgs (10 V/div)
PTH04070W
SLTS227 – SEPTEMBER 2004
Turning Q1 on applies a low voltage to the Inhibit control pin and disables the output of the module. If Q1 is then
turned off, the module will execute a soft-start power-up sequence. A regulated output voltage is produced within
20 msec. Figure 12 shows the typical rise in the output voltage, following the turn off of Q1. The turn off of Q1
corresponds to the fall in the waveform, Q1 Vgs. The waveforms were measured with a 2-A resistive load.
Figure 11. On/Off Inhibit Control Circuit
Figure 12. Power Up Response From Inhibit Control
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com