Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC376 Datasheet(PDF) 2 Page - Picker Components

Part # PC376
Description  Subminiature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC376 Datasheet(HTML) 2 Page - Picker Components

  PC376_17 Datasheet HTML 1Page - Picker Components PC376_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC376 Rev H 4/04/2017
2 of 2
PC376
PC376
COIL DATA
Coil Voltage
(VDC)
Resistance
ohms ± 10%
Must Operate
Voltage Max
(VDC)
Must Release
Voltage Min.
(VDC)
Coil
Power
(W)
Coil
Sensitivity
Rated
Max
5
6.5
125
3.75
0.25
200 mW
H
6
7.8
180
4.50
0.30
9
11.7
405
6.75
0.45
12
15.6
720
9.00
0.60
18
23.4
1620
13.5
0.90
24
31.2
2880
18.0
1.20
48
52.8
9216
38.4
2.40
5
6.5
56
3.75
0.25
Nil
450 mW
6
7.8
80
4.50
0.30
9
11.7
180
6.75
0.45
12
15.6
320
9.00
0.60
18
23.4
720
13.5
0.90
24
31.2
1280
18.0
1.20
48
52.8
5,120
38.4
2.40
100
130.0
166,600
80.0
10.0
PCB Mounting
(Top View)
1A
1C
Wiring Diagrams
Front View
Side View
Terminal
(Bottom View)
DIMENSIONS in Inches (mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com