Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC549 Datasheet(PDF) 2 Page - Picker Components

Part # PC549
Description  Ultraminiature Automotive PCB Twin Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC549 Datasheet(HTML) 2 Page - Picker Components

  PC549_17 Datasheet HTML 1Page - Picker Components PC549_17 Datasheet HTML 2Page - Picker Components PC549_17 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC549 Rev F 8/05/2015
2 of 3
PC549
PC549
COIL DATA
Coil Voltage
(VDC)
Coil Resistance
ohms ± 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Coil Power Con-
sumption
(W)
Rated
Max
10
12
2 x 181
5.7
1.25
2 x 0.55
12
14.4
2 x 254
6.9
1.5
2 x 0.57
24
28.8
2 x 1010
13.8
3
2 x 0.57
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays.
Must Operate Voltage and Release Voltages are for test purposes only and are not to be used as design criteria.
DIMENSIONS inches/(mm)
Terminal Layout
(Bottom View)
Relay
(Side View)
Relay
(Front View)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com