Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC565 Datasheet(PDF) 1 Page - Picker Components

Part # PC565
Description  Ultraminiature Automotive PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC565 Datasheet(HTML) 1 Page - Picker Components

  PC565_17 Datasheet HTML 1Page - Picker Components PC565_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC565 Rev H 10/26/2016
1 of 2
Ultraminiature Automotive PCB Power Relay
PC565
ORDERING INFORMATION
Example:
PC565
-1C
-12
H
F
-X
Model: PC565
Contact Form: 1C (SPDT)
Coil Voltage: 12
Coil Power: H: 800 mW
Insulation System: Nil: -40° C to +85° C; F: -40° C to +105° C*
RoHS Compliant: -X
Box Quantity: 200; 40 Per Tube
*White cover and suited for reflow soldering.
CONTACT RATINGS 14 VDC
Contact Form
1 Form C (SPDT)
Max Switching Current
30 A
Max Switching Power
480 Watts
Max Switching Voltage
16 VDC
Max Continuous Current
25 A
Motor Locked Rotor
25 A at 14 VDC
CHARACTERISTICS
Operate Time
10 ms Max
Release Time
5 ms Max
Insulation Resistance
100 MΩ min at 500VDC,
500 V 50 Hz between contacts
Dielectric Strength
1,000 V 50 Hz between coil and contacts
Shock Resistance
98 m/s2 11 ms
Vibration Resistance
10 Hz - 500 Hz; Acceleration: 43.1 m/s2
Terminal Strength
5 N
Operating Temperature
-40 to 85
°C Standard
Operating Temperature
-40 to 105
°C Class F
Relative Humidity
85% (40°C)
Weight
4.1 g
Power Consumption
800 mW
CONTACT DATA
Material
AgSnO2
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 106 Operations
FEATURES
 Ultraminiature Design
 Contact Switching Capacity up to 30 Amps
 Sealed, Immersion Cleanable
 RoHS Compliant
 Available as a Dual see PC567
 Fully Automated Assembly


Similar Part No. - PC565_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC565 PICKER-PC565_14 Datasheet
156Kb / 2P
Ultraminiat ure Au tomotive PCB Power Relay
More results

Similar Description - PC565_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC566 PICKER-PC566 Datasheet
136Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC567 PICKER-PC567 Datasheet
156Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC615 PICKER-PC615 Datasheet
178Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC619 PICKER-PC619 Datasheet
190Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC537 PICKER-PC537 Datasheet
179Kb / 2P
Ultraminiature Automotive PCB Power Relay
PC549 PICKER-PC549 Datasheet
163Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC565 PICKER-PC565 Datasheet
131Kb / 2P
Ultraminiature Automotive PCB Power Relay
logo
DB Lectro Inc
HG4520 DBLECTRO-HG4520 Datasheet
41Kb / 2P
Automotive Ultraminiature PCB Power Relay
logo
Picker Components
PC549 PICKER-PC549_17 Datasheet
733Kb / 3P
Ultraminiature Automotive PCB Twin Power Relay
PC567 PICKER-PC567_17 Datasheet
328Kb / 2P
Ultraminiature Automotive PCB Twin Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com