Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC763 Datasheet(PDF) 1 Page - Picker Components

Part # PC763
Description  30 Amp Automotive Plug-In Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC763 Datasheet(HTML) 1 Page - Picker Components

  PC763 Datasheet HTML 1Page - Picker Components PC763 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC763 10/11/2016
1 of 2
FEATURES
 Direct Insert Mounting
 Contact Switching Capacity up to 40 Amps
 Internal Resistors Available
 RoHS Compliant
30 Amp Automotive Plug-In Power Relay
PC763
CONTACT RATINGS 14 VDC
Contact Form
1 Form A
(SPST-NO)
Max Switching Current
40 A
Max Switching Power
560 Watts
Max Switching Voltage
75 VDC
Max Continuous Current
30 A
CHARACTERISTICS
Operate Time
10 msec or less (without coil suppression)
Release Time
7 msec or less (without coil suppression)
Insulation Resistance
100 MΩ min at 500VDC,
500 V 50 Hz between contacts
Dielectric Strength
750 V 50 Hz between coil and contacts
Shock Resistance
100m/ss 11 ms
Vibration Resistance
10 Hz - 55 Hz Double Amplitude 1.5 mm
Terminal Strength
10N
Ambient Temperature Range
-40 to 105
°C Operating
Relative Humidity
85% (45°C)
Weight
35grams
Power Consumption
1.5 W
CONTACT DATA
Material
AgSnO2
Initial Contact Resistance
50 mΩ
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 107 Operations
ORDERING INFORMATION
Example:
PC763
-1C
-12
S
-R
-X
Model: PC763
Contact Form: 1A
Coil Voltage: 12, 24
Enclosure: C: Dust Cover, S: Sealed
Parallel Component: Nil: None; R: Resistor;
RoHS Compliant: -X
Box Quantity: 500; Inner Box: 250


Similar Part No. - PC763

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC764 PICKER-PC764 Datasheet
812Kb / 2P
30 Amp Automotive Plug-In Power Relay
More results

Similar Description - PC763

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC785 PICKER-PC785 Datasheet
427Kb / 2P
35 Amp Automotive Plug-In Power Relay
PC786 PICKER-PC786 Datasheet
198Kb / 2P
60 Amp Automotive Plug-In Power Relay
PC792A PICKER-PC792A_14 Datasheet
217Kb / 2P
40/30 Amp Automotive Plug-In / PCB Power Relay
PC7150 PICKER-PC7150 Datasheet
281Kb / 2P
150/100 Amp Automotive Plug-In / PCB Power Relay
PC792A PICKER-PC792A_15 Datasheet
258Kb / 2P
40/30 Amp Automotive Plug-In / PCB Power Relay
PC798 PICKER-PC798_16 Datasheet
1Mb / 2P
30 Amp Automotive Plug-In Relay with Integral Fuse
PC764 PICKER-PC764 Datasheet
812Kb / 2P
30 Amp Automotive Plug-In Power Relay
PC785 PICKER-PC785_17 Datasheet
544Kb / 2P
35 Amp Automotive Plug-In Power Relay
PC792A PICKER-PC792A_17 Datasheet
821Kb / 3P
40/30 Amp Automotive Plug-In / PCB Mini ISO Relay
PC798 PICKER-PC798_17 Datasheet
1Mb / 2P
30 Amp Automotive Plug-In Relay with Integral Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com