Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC780 Datasheet(PDF) 1 Page - Picker Components

Part # PC780
Description  25/20 Amp Automotive Plug-In Micro ISO Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC780 Datasheet(HTML) 1 Page - Picker Components

  PC780 Datasheet HTML 1Page - Picker Components PC780 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC780 Rev C 4/04/2017
1 of 2
FEATURES
 25/20 Amps at 14 VDC Rating
 75 Amps Switching Current
 Miniature Package - 22.6 mm x 15.2 mm x 16.2 mm
 Reduced Footprint
 Micro ISO Terminal
 105° C Operating Temperature
 RoHS Compliant
CONTACT RATINGS 14 VDC
25/20 Amp Automotive Plug-In Micro ISO Relay
PC780
CHARACTERISTICS
Contact Form
1 Form A
Normally Open
Max Switching Current
Make 75 A
Break 25 A
Max Switching Power
350 Watts
Max Switching Voltage
75 VDC
Max Continuous Current
25 A
Operate Time
10 ms max
Release Time
10 ms max
Insulation Resistance
20 MΩ min at 500VDC,
Dielectric Strength
500 Vrms, 50 Hz. between Contacts
500 Vrms, 50 Hz. between contact and coil
Function: 100 m/s2 11 ms
Shock Resistance
Survival: 1000 m/s2 11 ms
Vibration Resistance
Function:10-100 Hz; 44.1 m/s2
Survival:100-500 Hz; 44.1 m/s2
Power Consumption
800 mW
CONTACT DATA
Material
AgSnO2
Initial Contact Resistance
50 mΩ max
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 107 Operations
ORDERING INFORMATION
Example:
PC780
-1C
-12
S
-R
-X
Model: PC780
Contact Form: 1A
Mounting Version : Nil: Plug-In
Coil Voltage: 12
Enclosure: C: Dust Cover, S: Sealed
Parallel Component: Nil: None; R: Resistor
RoHS Compliant: -X
Box Quantity: 500; Inner Box: 50
Terminal Strength
10N
Operating Temperature
-40 to 105
°C
Relative Humidity
95%
Weight
15 grams
CHARACTERISTICS Continued
See SC782 for Available Sockets


Similar Part No. - PC780

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC781 PICKER-PC781 Datasheet
444Kb / 2P
15 Amp Micro ISO 280 Automotive Plug-In Relay
PC782 PICKER-PC782 Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC782 PICKER-PC782 Datasheet
362Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC7821A-12C PICKER-PC7821A-12C Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC7821A-12CD PICKER-PC7821A-12CD Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
More results

Similar Description - PC780

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8HN OMRON-G8HN Datasheet
156Kb / 5P
Micro ISO Automotive Relay
logo
American Zettler, Inc.
AZ977 AZETTLER-AZ977 Datasheet
82Kb / 2P
20 AMP MICRO-ISO AUTOMOTIVE RELAY
AZ984 AZETTLER-AZ984 Datasheet
90Kb / 2P
20 AMP 280-ISO AUTOMOTIVE RELAY
AZ988 AZETTLER-AZ988 Datasheet
164Kb / 3P
30 AMP MICRO-ISO AUTOMOTIVE RELAY
AZ989 AZETTLER-AZ989 Datasheet
91Kb / 2P
25 AMP SUB-MICRO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8H OMRON-G8H Datasheet
247Kb / 8P
Micro ISO Automotive Relay
G8HN OMRON-G8HN_1 Datasheet
252Kb / 8P
Micro ISO Automotive Relay
logo
Picker Components
PC781 PICKER-PC781 Datasheet
444Kb / 2P
15 Amp Micro ISO 280 Automotive Plug-In Relay
PC782H PICKER-PC782H Datasheet
596Kb / 3P
35 Amp Micro ISO Automotive Plug In / PCB
PC783 PICKER-PC783 Datasheet
711Kb / 2P
35 Amp Micro ISO Automotive Plug In / PCB Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com