Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC781 Datasheet(PDF) 1 Page - Picker Components

Part # PC781
Description  15 Amp Micro ISO 280 Automotive Plug-In Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC781 Datasheet(HTML) 1 Page - Picker Components

  PC781 Datasheet HTML 1Page - Picker Components PC781 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC781 Rev C 09/25/2017
1 of 2
FEATURES
 15 Amps at 14 VDC Rating
 80 Amp In Rush Current
 Miniature Package - 15.0 mm x 15.5 mm x 14.6 mm
 Reduced Footprint
 Micro 280 ISO Terminal
 Fully Automated Assembly
 RoHS Compliant
CONTACT RATINGS* 14 VDC
15 Amp Micro ISO 280 Automotive Plug-In Relay
PC781
CHARACTERISTICS
Contact Form
1 Form A
Normally Open
Max Switching Current
80 Make
15 Break
Min Switching Current
1 A
Max Switching Voltage
16 VDC
Max Continuous Current
15 A
Operate Time
10 ms max
Release Time
10 ms max
Insulation Resistance
10 MΩ min.
With Stand Voltage
500 VAC, 1min. Between Coil and Terminal
500 VAC, 1 min. Between Homopolar Contact
1000 m/s2 6 ms, Durability
Shock Resistance
1000 m/s2 11 ms, Malfunction
Vibration Resistance
33 Hz; 44.1 m/s2, Durability
33 Hz; 44.1 m/s2, Malfunction
Power Consumption
1.1 W
CONTACT DATA
Material
Silver Alloy
Initial Contact Resistance
50 mΩ max
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 106 Operations
ORDERING INFORMATION
Example:
PC781
-1A
-12
S
-R
-X
Model: PC781
Contact Form: 1A
Coil Voltage: 12
Enclosure: S: Sealed
Contact Material: Nil: AgSnO2
Parallel Component: R: Resistor (1.1 K, 1/4 W)
RoHS Compliant: -X
Box Quantity: 500; Inner Box: 50
Voltage Drop Between Terminals
200 mV max, 15 A
Operating Temperature
-30 to 100
°C
Relative Humidity
30% to 85%
Weight
10 grams
CHARACTERISTICS Continued
*At 20° C, 85% RH


Similar Part No. - PC781

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC780 PICKER-PC780 Datasheet
541Kb / 2P
25/20 Amp Automotive Plug-In Micro ISO Relay
PC782 PICKER-PC782 Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC782 PICKER-PC782 Datasheet
362Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC7821A-12C PICKER-PC7821A-12C Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC7821A-12CD PICKER-PC7821A-12CD Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
More results

Similar Description - PC781

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ACV11012 NAIS-ACV11012 Datasheet
134Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO/MICRO-280 RELAY
logo
American Zettler, Inc.
AZ977 AZETTLER-AZ977 Datasheet
82Kb / 2P
20 AMP MICRO-ISO AUTOMOTIVE RELAY
AZ984 AZETTLER-AZ984 Datasheet
90Kb / 2P
20 AMP 280-ISO AUTOMOTIVE RELAY
AZ986 AZETTLER-AZ986 Datasheet
114Kb / 3P
40 AMP 280-ISO AUTOMOTIVE RELAY
AZ988 AZETTLER-AZ988 Datasheet
164Kb / 3P
30 AMP MICRO-ISO AUTOMOTIVE RELAY
logo
American Electronic Com...
DG91 AEC-DG91 Datasheet
275Kb / 3P
micro 280 automotive relay
logo
Picker Components
PC780 PICKER-PC780 Datasheet
541Kb / 2P
25/20 Amp Automotive Plug-In Micro ISO Relay
PC782H PICKER-PC782H Datasheet
596Kb / 3P
35 Amp Micro ISO Automotive Plug In / PCB
PC783 PICKER-PC783 Datasheet
711Kb / 2P
35 Amp Micro ISO Automotive Plug In / PCB Relay
logo
Willow Technologies Ltd
DG91 WILLOW-DG91 Datasheet
269Kb / 3P
micro 280 automotive relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com