Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC782H Datasheet(PDF) 2 Page - Picker Components

Part # PC782H
Description  35 Amp Micro ISO Automotive Plug In / PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC782H Datasheet(HTML) 2 Page - Picker Components

  PC782H Datasheet HTML 1Page - Picker Components PC782H Datasheet HTML 2Page - Picker Components PC782H Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC782 Rev - 10/04/2017
2 of 3
PC782H
PC782H
Wiring Diagrams
Terminal Layout
(Bottom View)
Relay
(Side View)
DIMENSIONS (mm/inches)
Relay
(Front View)
COIL DATA
NOTES:
(2)The use of any coil voltage less that the rated voltage will compromise the operation of the relays.
(3)Must Operate Voltage and Must Release Voltages are for test purposes only and are not to be used as design criteria.
Coil Voltage
Coil Re-
sistance
Coil Power
Must Operate
Voltage Max
(VDC)(3)
Must Release
Voltage Min.
(VDC)(3)
(VDC)(2)
(Ohms ± 10%) Watts ( W )
Rated
Max
12
16
96
1.5
8.4
1.2
24
32
320
1.8
16.8
2.4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com