Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC783 Datasheet(PDF) 1 Page - Picker Components

Part # PC783
Description  35 Amp Micro ISO Automotive Plug In / PCB Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC783 Datasheet(HTML) 1 Page - Picker Components

  PC783 Datasheet HTML 1Page - Picker Components PC783 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC782 Rev G 10/19/2016
1 of 2
35 Amp Micro ISO Automotive Plug In / PCB Relay
PC783
ORDERING INFORMATION
Example:
PC783
-1C
-P
-12
S
-R
-X
Model: PC783
Contact Form: 1A, or , 1C
Mounting Version: Nil: Plug-In; P: PCB
Coil Voltage: 6, 12, 24, 48
Enclosure: C: Dust Cover, S: Sealed Case
Coil Power: Nil: 1.2 W*; 1.5: 1.5 W
Parallel Component: Nil: None; D: Diode, R: Resistor
RoHS Compliant: -X
*1.2 W is Industry Standard
Box Quantity: 1,000; Inner Box: 500
See SC782 for Available Sockets
CONTACT RATINGS 14 VDC at 25oC
CONTACT RATINGS 28 VDC at 25oC
Contact Form
1 Form A or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 52.5 A(1)
Make 37.5 A(1)
Break 17.5 A
Break 12.5 A
Max Continuous Current
17.5 A
12.5 A
Max Switching Voltage
75 VDC
Max Switching Power
490 W
Minimum Load
0.1A @ 24 VDC
CHARACTERISTICS
CONTACT DATA
Contact Form
1 Form A or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 105 A(1)
Make 75 A(1)
Break 35 A
Break 25 A
Max Continuous Current
35 A
25 A
Max Switching Voltage
75 VDC
Max. Switching Power
490 W
Minimum Load
0.1A @ 12 VDC
Operating Time
10 msec Max
Release Time
7 msec Max
Insulation Resistance
100 MΩ Min at 500VDC
Dielectric Strength
500 V, 50 Hz Between Contacts
1,000 V, 50 Hz Between Contact and Coil
Shock Resistance
100 m/s2 11ms
Vibration Resistance
10 Hz—40 Hz Double Amplitude 1.27 mm
Terminal Strength
8N 4N (PC type)
Power Consumption
1.2 W, 1.5 W
Solderability
235°C ± 2°C 3 s ± 0.5 s
Operating Temperature Range
- 40 to 125
°C
Storage Temperature Range
- 40 to 155
°C
Weight
18.5 g
Material
AgSnO2
Initial Contact Resistance
50 mΩ Max
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 107 Operations
(1)
With current load applied for a maximum of .5 seconds at a maximum duty cycle of 10%
.
CHARACTERISTICS Continued
FEATURES
 Micro Size Plug-In Design
 1A and 1C Contact Forms Available
 Contact Switching Capacity up to 105 Amps
35 Amps Continuous Carrying Current
 1250C Operating Temperature
 PC Board Version Available
 Internal Diodes or Resistors Available
 Compatible with Socket SC782


Similar Part No. - PC783

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC780 PICKER-PC780 Datasheet
541Kb / 2P
25/20 Amp Automotive Plug-In Micro ISO Relay
PC781 PICKER-PC781 Datasheet
444Kb / 2P
15 Amp Micro ISO 280 Automotive Plug-In Relay
PC782 PICKER-PC782 Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC782 PICKER-PC782 Datasheet
362Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC7821A-12C PICKER-PC7821A-12C Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
More results

Similar Description - PC783

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC792H PICKER-PC792H_16 Datasheet
644Kb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_16 Datasheet
629Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150 PICKER-PC7150_15 Datasheet
661Kb / 2P
150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC780 PICKER-PC780 Datasheet
541Kb / 2P
25/20 Amp Automotive Plug-In Micro ISO Relay
PC781 PICKER-PC781 Datasheet
444Kb / 2P
15 Amp Micro ISO 280 Automotive Plug-In Relay
PC782H PICKER-PC782H Datasheet
596Kb / 3P
35 Amp Micro ISO Automotive Plug In / PCB
PC792B PICKER-PC792B Datasheet
679Kb / 2P
40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792H PICKER-PC792H_17 Datasheet
1Mb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_17 Datasheet
649Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC796 PICKER-PC796_17 Datasheet
631Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com