Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC792E Datasheet(PDF) 2 Page - Picker Components

Part # PC792E
Description  50/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC792E Datasheet(HTML) 2 Page - Picker Components

  PC792E Datasheet HTML 1Page - Picker Components PC792E Datasheet HTML 2Page - Picker Components PC792E Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC792E Rev A 8/09/2017
2 of 3
COIL DATA
Coil Power (W)
Must Operate
Voltage Max
(VDC)
Must Release
Voltage Min.
(VDC)
Coil Voltage
(VDC)
Coil Resistance (Ohms ± 10%)
Rated
Max
1.6 W*
1.9 W
2.3 W
2.6 W
6
7.8
22.5
19.0
15.6
13.8
3.9
0.6
9
11.7
50.6
NA
NA
NA
5.9
0.9
12
15.6
90.0
75.8
62.6
55.4
7.8
1.8
24
31.2
360.0
303.2
250.4
221.5
15.6
2.4
48
62.4
1440.0
NA
NA
NA
31.2
4.8
PC792E
PC792E
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays.
Must Operate Voltage and Must Release Voltages are for test purposes only and are not to be used as design criteria.
*1.6 W Industry Standard Coil
CHARACTERISTICS
Operate Time
7 msec Typical
Release Time
5 msec Typical
Insulation Resistance
100 MΩ Min at 500VDC
Dielectric Strength
500 V 50 Hz Between Contacts
750 V 50 Hz Between Coil and Contact
Terminal Strength
8N 4N (PC type)
Shock Resistance
147 m/s2 11ms
Vibration Resistance
10 Hz—40 Hz Double Amplitude 1.5 mm
Solderability
235°C ± 2°C 3 s ± 0.5 s
Operating Temperature
- 40 to 125
°C
Storage Temperature
- 40 to 155
°C
Weight
31 grams, C1 36 grams
Power Consumption
1.6 W, 1.9 W, 2.3 W, 2.6 W
Material
AgSnO2
Initial Contact Resistance
30 mΩ Max
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 107 Operations
CONTACT DATA
1A
1AA
1C
1U
1B
Wire Diagrams



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com