Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC736007 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC736007
Description  -50V, -130mA P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC736007 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC736007 Datasheet HTML 1Page - E-CMOS Corporation EC736007 Datasheet HTML 2Page - E-CMOS Corporation EC736007 Datasheet HTML 3Page - E-CMOS Corporation EC736007 Datasheet HTML 4Page - E-CMOS Corporation EC736007 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EC736007
-50V、
、
、
、-130mA P-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 5
5D16-Rev.F001
Electrical Characteristics (TA=25℃
℃
℃
℃ unless otherwise noted)
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
-50
—
—
V
VGS = 0V, ID = -10µA
RDS(on)
Static Drain-to-Source on-resistance
—
2.1
7
VGS=-10V,ID = -130mA
VGS(th)
Gate threshold voltage
-0.8
—
-2
V
VDS = VGS, ID = -1mA
—
—
-0.1
VDS =-40V,VGS = 0V
-1
IDSS
Drain-to-Source leakage current
—
—
-50
µA
VDS =-50V,VGS = 0V
TJ = 125°C
—
—
10
VGS =20V
IGSS
Gate-to-Source forward leakage
—
—
-10
uA
VGS = -20V
gfs
Forward Transconductance
50
—
—
S
VDS =-25 V ,ID =-130m A
Ciss
Input Capacitance
—
45
—
Coss
Output Capacitance
—
18
—
Crss
Reverse Transfer Capacitance
—
11
—
pF
VGS = 0;
VDS = -5 V;
f = 1 MHz
td(on)
Turn–On Delay Time
—
3.1
—
tr
Rise Time
—
1.3
—
td(off)
Turn–Off Delay Time
—
18
—
tf
Fall Time
—
7.5
—
ns
VDD = –15V;
ID = –2.5 A;
RL = 50ohm
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
—
—
130
mA
ISM
Pulsed Source Current
(Body Diode)
—
—
520
mA
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VSD
Diode Forward Voltage
—
—
-1.3
V
IS=-130mA, VGS=0V
Notes:
①
Calculated continuous current based on maximum allowable junction temperature.
②
Repetitive rating; pulse width limited by max. junction temperature.
③
The power dissipation PD is based on max. junction temperature, using junction-to-case thermal resistance.
④
The value of RθJA is measured with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com