Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBF31 Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # DBF31
Description  3A Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

DBF31 Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  DBF31 Datasheet HTML 1Page - Chip Integration Technology Corporation DBF31 Datasheet HTML 2Page - Chip Integration Technology Corporation DBF31 Datasheet HTML 3Page - Chip Integration Technology Corporation DBF31 Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Document ID : DS-22B50
Revised Date : 2016/09/13
Revision : C
DBF31 THRU DBF310
3A Bridge Rectifiers
Chip Integration Technology Corporation
■ DBF foot print
Dimensions in inches and (millimeters)
■ Ordering/Packing information
Part number
Case
DBF31
Q'TY/Reel (PCS) Q'TY/Box (PCS)
Q'TY/Carton (PCS)
DBF
3,000
6,000
48,000
Notes: 1. For packaging details please reference our website at http://www.citcorp.com.tw/tchinese/products/index.php
Notes:
DBF310G
Halogen
Halogen free
■ Marking Information
Marking Code
Part number
DBF31
Halogen
DBF31
Halogen free
-
+
DBF32
DBF32
DBF34
DBF34
DBF36
DBF36
DBF38
DBF38
DBF310
DBF310
DBF31G
DBF31H
DBF32G
DBF32H
DBF34G
DBF34H
DBF36G
DBF36H
DBF38G
DBF38H
DBF310G
DBF310H
.039 (1.0)
.055 (1.4)
.039 (1.0)
.055 (1.4)
Marking Code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com