Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF101 Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # DF101
Description  1A Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

DF101 Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  DF101 Datasheet HTML 1Page - Chip Integration Technology Corporation DF101 Datasheet HTML 2Page - Chip Integration Technology Corporation DF101 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
1A Miniature Glass Passivated Single-Phase Bridge Rectifiers
Document ID : DS-21B25
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
FIG.1-TYPICAL FORWARD CURRENT
0.2
0.4
0.6
0.8
1.0
1.2
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
20
10
30
50
40
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
O
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,( C)
0
Percent of Rated Peak Reverse Voltage ( %)
Fig. 3 - Typical Instantaneour Forward
Characteristics (Per Leg)
Fig. 4 - Typical Reverse Characteristics
Per Leg
Instantaneous Forward Voltage (Volts)
0.01
0.1
1.0
10
100
0
20
40
60
80
100
O
T = 150 C
J
O
T = 25 C
J
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
6
O
T = 25 C
A
pulse width = 300us
1% duty cycle
DF101 THRU DF107



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com