Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF151S Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # DF151S
Description  1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

DF151S Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  DF151S Datasheet HTML 1Page - Chip Integration Technology Corporation DF151S Datasheet HTML 2Page - Chip Integration Technology Corporation DF151S Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
Surface mount type for automated replacement.
Ideal for printed board.
Low forward drop down voltage.
Reliable low cost construction utilizing molded plastic
technology results in inexpensive product.
Glass passivated chip junctions.
Suffix "G" indicates Halogen-free part, ex.DF151SG.
Lead-free parts meet RoHS requirments.
Surge overload ratings to 30 amperes peak.
DFS
• Case : Molded plastic, DFS
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : marked on body
• Mounting Position : Any
• Weight : Approximated 1.00 gram
• Epoxy:UL94-V0 rated flame retardant
DF151S THRU DF157S
1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Operating temperature
O
T ( C)
J
-55 ~ +150
Max. forward voltage
O
@1.5A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
RRM
100
200
400
50
600
800
Marking code
DF152S
DF153S
DF154S
DF151S
DF155S
DF156S
Symbol
DBL152S
DBL153S
DBL154S
DBL151S
DBL155S
DBL156S
100
200
400
50
600
800
1.1
700
1000
DF157S
DBL157S
1000
Document ID : DS-22B08
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
.255(6.5)
.094(2.4)
.406(10.3)
.013(.33)
.060(1.53)
.205(5.2)
.335(8.51)
.047(1.2)
.245(6.2)
.091(2.3)
.386(9.8)
.003(.076)
.040(1.02)
.195(5.0)
.320(8.13)
.040(1.02)
+
~
~
I
O
I
FSM
I
R
Forward rectified current
Forward surge current
Reverse current
Parameter
O
at TA = 25 C
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
500
10
1.5
30
A
A
uA
T
STG
Storage temperature
-55
+150
OC
2
I t
Current squared time
3.7
2
A S
R
θJA
Thermal resistance
68
OC/W
O
t < 8.3ms, T = 25 C
J
junction to ambient


Similar Part No. - DF151S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF151S WTE-DF151S Datasheet
52Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
DF151S LUGUANG-DF151S Datasheet
175Kb / 2P
Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
DF151S DSK-DF151S Datasheet
182Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Chip Integration Techno...
DF151S CITC-DF151S Datasheet
151Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shanghai Leiditech Elec...
DF151S LEIDITECH-DF151S Datasheet
281Kb / 2P
1.5 A Single-Phase Glass Passivated Bridge Rectifiers Rectifier Reverse Voltage 50 to 1000V
More results

Similar Description - DF151S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA VISHAY-DF005SA_13 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
logo
Chip Integration Techno...
DF151 CITC-DF151 Datasheet
91Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF1505 CITC-DF1505 Datasheet
149Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF1505S CITC-DF1505S Datasheet
151Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Surge Components
MB1S SURGE-MB1S Datasheet
409Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com