Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF201 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # DF201
Description  2A Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

DF201 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  DF201 Datasheet HTML 1Page - Chip Integration Technology Corporation DF201 Datasheet HTML 2Page - Chip Integration Technology Corporation DF201 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
Recommended for non-automatic applications.
Ideal for & save space on printed circuit board.
Applicable for automatic insertion.
Reliable low cost construction utilizing molded plastic
technology results in inexpensive product.
Glass passivated chip junctions.
Suffix "G" indicates Halogen-free part, ex.DF201G.
Lead-free parts meet RoHS requirments.
•
•
•
•
•
•
•
•
Surge overload ratings to 60 amperes peak.
DF
• Case : Molded plastic, DF
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : marked on body
• Mounting Position : Any
• Weight : Approximated 0.38 gram
• Epoxy:UL94-V0 rated flame retardant
DF201 THRU DF207
2A Miniature Glass Passivated Single-Phase Bridge Rectifiers
Operating temperature
O
T ( C)
J
-55 ~ +150
Max. forward voltage
O
@2A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
RRM
100
200
400
50
600
800
Marking code
DF202
DF203
DF204
DF201
DF205
DF206
Symbol
DBL202
DBL203
DBL204
DBL201
DBL205
DBL206
100
200
400
50
600
800
1.1
700
1000
DF207
DBL207
1000
Document ID : DS-21B18
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
.256(6.5)
.094(2.4)
.185(4.69)
.350(8.9)
.205(5.2)
.335(8.51)
.244(6.2)
.091(2.3)
.150(3.81)
.299(7.6)
.197(5.0)
.320(8.13)
.080(2.03)
.050(1.27)
+
~
~
-
.023(0.58)
.018(0.46)
.013(0.33)
.009(0.22)
I
O
I
FSM
I
R
Forward rectified current
Forward surge current
Reverse current
Parameter
O
at TA = 25 C
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
500
10
2.0
60
A
A
uA
T
STG
Storage temperature
-55
+150
OC
2
I t
Current squared time
15
2
A S
R
θJA
Thermal resistance
68
OC/W
O
t < 8.3ms, T = 25 C
J
junction to ambient


Similar Part No. - DF201

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
DF201 DIOTECH-DF201 Datasheet
920Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
PACELEADER INDUSTRIAL
DF201 PACELEADER-DF201 Datasheet
187Kb / 2P
SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Formosa MS
DF201 FORMOSA-DF201 Datasheet
144Kb / 6P
Bridge Rectifier
logo
Chip Integration Techno...
DF201 CITC-DF201 Datasheet
149Kb / 3P
2A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
First Silicon Co., Ltd
DF201 FS-DF201 Datasheet
1Mb / 2P
Bridge Rectifier
More results

Similar Description - DF201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B2M VISHAY-B2M Datasheet
100Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
MB2M VISHAY-MB2M Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
B2M VISHAY-B2M_13 Datasheet
79Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
logo
Chip Integration Techno...
DF201S CITC-DF201S Datasheet
93Kb / 3P
2A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DF2005 CITC-DF2005 Datasheet
149Kb / 3P
2A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBL202 CITC-GBL202 Datasheet
1Mb / 3P
2A Glass Passivated Single-Phase Bridge Rectifiers
KBP2005 CITC-KBP2005 Datasheet
91Kb / 3P
2A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2M YIXIN-MB2M Datasheet
215Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
DF005M VISHAY-DF005M_V01 Datasheet
89Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
03-Sep-2020
MB2M VISHAY-MB2M_V01 Datasheet
90Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
15-Jul-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com